Electronic Components Datasheet Search
  English  ▼

X  

LX1996 Datasheet(PDF) 13 Page - Microsemi Corporation

Part # LX1996
Description  Multi-string LED Back-light Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1996 Datasheet(HTML) 13 Page - Microsemi Corporation

Back Button LX1996 Datasheet HTML 9Page - Microsemi Corporation LX1996 Datasheet HTML 10Page - Microsemi Corporation LX1996 Datasheet HTML 11Page - Microsemi Corporation LX1996 Datasheet HTML 12Page - Microsemi Corporation LX1996 Datasheet HTML 13Page - Microsemi Corporation LX1996 Datasheet HTML 14Page - Microsemi Corporation LX1996 Datasheet HTML 15Page - Microsemi Corporation LX1996 Datasheet HTML 16Page - Microsemi Corporation LX1996 Datasheet HTML 17Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
LX1996
PRODUCTION DATASHEET
Microsemi
Analog Mixed Signal Group
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 13
Copyright
© 2007
Rev. 1.0, 2007-12-14
Multi-string LED Back-light Controller
TM
®
OPERATION THEORY
ANALOG TO DIGITAL DIMMING WITH EXTERNAL SYNC
The internal dimming oscillator can be synchronized to an
external clock on the PWM input. A PLL loop filter capacitor
must be connected between CLF and GND pins for
synchronization. Use 0.1uF for 200Hz, 0.001uF for 20KHz.
The RT, CT and CLF pins can be left open if both the internal
dimming and ultrasonic pulse skipping modes are not used.
DIRECT ANALOG DIMMING
In this mode, a DC voltage on the DI pin is used to vary the
reference voltage at the PRG pin. The PRG pin reference
voltage, in conjunction with the resistor connected between the
PRG pin and ground, sets the LED current. The ratio of DI
input voltage to PRG pin voltage is 1:1, up to 2V input. The DI
input voltage range is 0V to 5V, however, the voltage at PRG
pin is limited to 0.2V to 2V with an internal voltage clamp.
Thus the dimming ratio is limited to 10:1. A higher dimming
ratio is obtained in the Combined Analog and Digital Dimming
mode.
The table below summarizes the dimming modes.
Table 1 - Dimming Modes
DSEL1
DSEL2
Dimming Method
Low
Low
Direct Digital Dimming
Low
Hi
Combined Analog and
Digital Dimming Modes
Hi
Low
Direct Analog Dimming
Hi
Hi
Direct Analog Dimming
with Ultrasonic Pulse
Skipping (USPS)
Open
Low
Analog to Digital dimming
with internal clock
Open
Hi
Analog to Digital dimming
with external clock
synchronization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com