Electronic Components Datasheet Search
  English  ▼

X  

HA17431PJ Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # HA17431PJ
Description  Shunt Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA17431PJ Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button HA17431PJ Datasheet HTML 5Page - Renesas Technology Corp HA17431PJ Datasheet HTML 6Page - Renesas Technology Corp HA17431PJ Datasheet HTML 7Page - Renesas Technology Corp HA17431PJ Datasheet HTML 8Page - Renesas Technology Corp HA17431PJ Datasheet HTML 9Page - Renesas Technology Corp HA17431PJ Datasheet HTML 10Page - Renesas Technology Corp HA17431PJ Datasheet HTML 11Page - Renesas Technology Corp HA17431PJ Datasheet HTML 12Page - Renesas Technology Corp HA17431PJ Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
HA17431VPJ/PJ/PAJ/FPJ/FPAJ/PNAJ/UPA, HA17432UPA
REJ03D0892-0100 Rev.1.00 Apr 03, 2007
Page 9 of 17
0.5
1.0
1.5
2.0
2.5
Cathode voltage VK (V)
015
20
10
525
40
35
30
IK = 10 mA
Reference Voltage Pin Input Current vs. Cathode Voltage Characteristics
1
2
3
4
5
Time t (
µs)
04
5
6
23
1
P.G
f = 100 kHz
Pulse Response
GND
Vout
220
Ω
50
Ω
OUTPUT
(Vout)
INPUT
(P.G)
2.44
2.45
2.46
2.47
2.48
VKA = Vref
IK = 10 mA
2.49
2.50
Ambient temperature Ta (°C)
–20
0
20
40
60
80 85
Reference Voltage Temperature Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com