Electronic Components Datasheet Search
  English  ▼

X  

HA17431PJ Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # HA17431PJ
Description  Shunt Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA17431PJ Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button HA17431PJ Datasheet HTML 7Page - Renesas Technology Corp HA17431PJ Datasheet HTML 8Page - Renesas Technology Corp HA17431PJ Datasheet HTML 9Page - Renesas Technology Corp HA17431PJ Datasheet HTML 10Page - Renesas Technology Corp HA17431PJ Datasheet HTML 11Page - Renesas Technology Corp HA17431PJ Datasheet HTML 12Page - Renesas Technology Corp HA17431PJ Datasheet HTML 13Page - Renesas Technology Corp HA17431PJ Datasheet HTML 14Page - Renesas Technology Corp HA17431PJ Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
HA17431VPJ/PJ/PAJ/FPJ/FPAJ/PNAJ/UPA, HA17432UPA
REJ03D0892-0100 Rev.1.00 Apr 03, 2007
Page 11 of 17
Application Examples
As shown in the figure on the right, this IC operates as an inverting amplifier, with the REF pin as input pin. The open-
loop voltage gain is given by the reciprocal of “reference voltage deviation by cathode voltage change” in the electrical
specifications, and is approximately 50 to 60 dB. The REF pin has a high input impedance, with an input current Iref of
3.8
µA Typ (V version: Iref = 2 µA Typ). The output impedance of the output pin K (cathode) is defined as dynamic
impedance ZKA, and ZKA is low (0.2 Ω) over a wide cathode current range. A (anode) is used at the minimum potential,
such as ground.
K
VCC
OUT
VEE
A
REF
VZ
≅ 2.5V
–
+
Figure 1 Operation Diagram
Application Hints
No.
Application Example
Description
1
Reference voltage generation circuit
K
R
CL
Vout
GND
Vin
GND
REF
A
This is the simplest reference voltage circuit. The value of the
resistance R is set so that cathode current IK ≥ 1 mA.
Output is fixed at Vout
≅ 2.5 V.
The external capacitor CL (CL ≥ 3.3 µF) is used to prevent oscillation
in normal applications.
2
Variable output shunt regulator circuit
K
R
CL
Vout
GND
Vin
GND
A
R1
R2
REF
Iref
This is circuit 1 above with variable output provided.
Vout
≅ 2.5 V ×
Here,
(R1 + R2)
R2
Since the reference input current Iref = 3.8
µA Typ (V version: Iref =
2
µA Typ) flows through R1, resistance values are chosen to allow
the resultant voltage drop to be ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com