Electronic Components Datasheet Search
  English  ▼

X  

HA17431PJ Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # HA17431PJ
Description  Shunt Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA17431PJ Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button HA17431PJ Datasheet HTML 10Page - Renesas Technology Corp HA17431PJ Datasheet HTML 11Page - Renesas Technology Corp HA17431PJ Datasheet HTML 12Page - Renesas Technology Corp HA17431PJ Datasheet HTML 13Page - Renesas Technology Corp HA17431PJ Datasheet HTML 14Page - Renesas Technology Corp HA17431PJ Datasheet HTML 15Page - Renesas Technology Corp HA17431PJ Datasheet HTML 16Page - Renesas Technology Corp HA17431PJ Datasheet HTML 17Page - Renesas Technology Corp HA17431PJ Datasheet HTML 18Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
HA17431VPJ/PJ/PAJ/FPJ/FPAJ/PNAJ/UPA, HA17432UPA
REJ03D0892-0100 Rev.1.00 Apr 03, 2007
Page 15 of 17
In Figure 3, the following formulas are obtained:
Gain
G1 = G0 ≈ 50 dB to 60 dB (determined by shunt regulator)
G2 =
R5
R3
Corner frequencies
f1 = 1/(2π C1 G0 R3)
f2 = 1/(2π C1 R5)
G0 is the shunt regulator open-loop gain; this is given by the reciprocal of the reference voltage fluctuation
∆Vref/∆V
KA, and is approximately 50 dB.
3. Practical Example
Consider the example of a photocoupler, with an internal light emitting diode VF = 1.05 V and IF = 2.5 mA, power
supply output voltage V2 = 5 V, and bias resistance R2 current of approximately 1/5 IF at 0.5 mA. If the shunt
regulator VK = 3 V, the following values are found.
R1 =
5V – 1.05V – 3V
2.5mA + 0.5mA
= 316(
Ω) (330Ω from E24 series)
R2 =
1.05V
0.5mA
= 2.1(k
Ω) (2.2kΩ from E24 series)
Next, assume that R3 = R4 = 10 kΩ. This gives a 5 V output. If R5 = 3.3 kΩ and C1 = 0.022 µF, the following
values are found.
G2 = 3.3 kΩ / 10 kΩ = 0.33 times (–10 dB)
f1 = 1 / (2 × π × 0.022 µF × 316 × 10 kΩ) = 2.3 (Hz)
f2 = 1 / (2 × π × 0.022 µF × 3.3 kΩ) = 2.2 (kHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com