Electronic Components Datasheet Search
  English  ▼

X  

IFR6015 Datasheet(PDF) 7 Page - Aeroflex Circuit Technology

Part # IFR6015
Description  Ramp Test Set
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

IFR6015 Datasheet(HTML) 7 Page - Aeroflex Circuit Technology

Back Button IFR6015 Datasheet HTML 3Page - Aeroflex Circuit Technology IFR6015 Datasheet HTML 4Page - Aeroflex Circuit Technology IFR6015 Datasheet HTML 5Page - Aeroflex Circuit Technology IFR6015 Datasheet HTML 6Page - Aeroflex Circuit Technology IFR6015 Datasheet HTML 7Page - Aeroflex Circuit Technology IFR6015 Datasheet HTML 8Page - Aeroflex Circuit Technology IFR6015 Datasheet HTML 9Page - Aeroflex Circuit Technology IFR6015 Datasheet HTML 10Page - Aeroflex Circuit Technology IFR6015 Datasheet HTML 11Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
For the ver y latest specif ications visit
w w w.aeroflex.com
T
TR
RA
AN
NS
SP
PO
ON
ND
DE
ER
R M
MO
OD
DE
E S
SP
PE
EC
CIIF
FIIC
CA
AT
TIIO
ON
NS
S
S
SIIG
GN
NA
AL
L G
GE
EN
NE
ER
RA
AT
TO
OR
R
R
RF
F O
OU
UT
TP
PU
UT
T F
FR
RE
EQ
QU
UE
EN
NC
CY
Y
Interrogation Frequency
1030 MHz
Accuracy
± 10 kHz
R
RF
F O
OU
UT
TP
PU
UT
T L
LE
EV
VE
EL
L
ANTENNA PORT
MTL + 6 dB typical, automatically controlled for a MTL range of -83 to
-68 dBm
Range
-67 to -2 dBm at antenna port
Resolution
0.5 dB
Accuracy
± 2 dB
Distance to UUT antenna
6 to 200 ft with supplied antenna
RF I/O PORT
MTL + 6 dB typical, automatically controlled
Range
-115 to -47 dBm
Resolution
0.5 dB
Accuracy
-95 to –47 dBm, ± 1 dB
Accuracy
-115 to <-95 dBm, ± 2 dB
A
AT
TC
CR
RB
BS
S/
/M
MO
OD
DE
E S
S IIN
NT
TE
ER
RR
RO
OG
GA
AT
TIIO
ON
N P
PU
UL
LS
SE
E S
SP
PA
AC
CIIN
NG
G
MODE A
P1 to P2
2.00
µs ± 25 ns
P1 to P3
8.00
µs ± 25 ns
MODE C
P1 to P2
2.00
µs ± 25 ns
P1 to P3
21.00
µs ± 25 ns
MODE S
P1 to P2
2.00
µs ± 25 ns
P1 to P6
3.50
µs ± 25 ns
P1 to SPR
4.75
µs ± 25 ns
P5 to SPR
0.40
µs ± 50 ns
IIN
NT
TE
ER
RM
MO
OD
DE
E IIN
NT
TE
ER
RR
RO
OG
GA
AT
TIIO
ON
N P
PU
UL
LS
SE
E S
SP
PA
AC
CIIN
NG
G
MODE A
P1 to P3
8.00
µs ± 25 ns
P1 to P4
10.00
µs ± 25 ns
MODE C
P1 to P3
21.00
µs ± 25 ns
P1 to P4
23.00
µs ± 25 ns
IIN
NT
TE
ER
RR
RO
OG
GA
AT
TIIO
ON
N P
PU
UL
LS
SE
E W
WIID
DT
TH
HS
S
MODE A,C,S,INTERMODE
P1,P2,P3
0.80
µs ± 50 ns
MODE S
P6 (Short DPSK Block)
16.25
µs ± 50 ns
P6 (Long DPSK Block)
30.25
µs ± 50 ns
P5
0.80
µs ± 50 ns
INTERMODE
P4 (Short)
0.80
µs ± 50 ns
P4 (Long)
1.60
µs ± 50 ns
IIN
NT
TE
ER
RR
RO
OG
GA
AT
TIIO
ON
N P
PU
UL
LS
SE
E R
RIIS
SE
E A
AN
ND
D F
FA
AL
LL
L T
TIIM
ME
ES
S
ALL MODES
Rise Time
50 to 100 ns
Fall Time
50 to 200 ns
P
PH
HA
AS
SE
E M
MO
OD
DU
UL
LA
AT
TIIO
ON
N
ALL MODES
Transition Time
≤ 80 ns
Phase Shift
180° ± 10°
S
SL
LS
S L
LE
EV
VE
EL
LS
S
ATCRBS
SLS Level (P2)
-9 dB, -1 to +0 dB relative to P1 level
0 dB, -0 to +1 dB relative to P1 level
Off
MODE S
SLS Level (P5)
-12 dB, -1 to +0 dB relative to P6 level
+3 dB, -0 to +1 dB relative to P6 level
Off
Note: SLS level is automatically controlled in the SLS LEVEL test.
IIN
NT
TE
ER
RR
RO
OG
GA
AT
TIIO
ON
N T
TE
ES
ST
T S
SIIG
GN
NA
AL
LS
S
MODE S
PRF
50 Hz ± 5 Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com