Electronic Components Datasheet Search
  English  ▼

X  

IFR6015 Datasheet(PDF) 8 Page - Aeroflex Circuit Technology

Part # IFR6015
Description  Ramp Test Set
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

IFR6015 Datasheet(HTML) 8 Page - Aeroflex Circuit Technology

Back Button IFR6015 Datasheet HTML 4Page - Aeroflex Circuit Technology IFR6015 Datasheet HTML 5Page - Aeroflex Circuit Technology IFR6015 Datasheet HTML 6Page - Aeroflex Circuit Technology IFR6015 Datasheet HTML 7Page - Aeroflex Circuit Technology IFR6015 Datasheet HTML 8Page - Aeroflex Circuit Technology IFR6015 Datasheet HTML 9Page - Aeroflex Circuit Technology IFR6015 Datasheet HTML 10Page - Aeroflex Circuit Technology IFR6015 Datasheet HTML 11Page - Aeroflex Circuit Technology IFR6015 Datasheet HTML 12Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
ATCRBS
PRF
235 Hz ± 5 Hz
U
UU
UT
T M
ME
EA
AS
SU
UR
RE
EM
ME
EN
NT
TS
S
E
ER
RP
P ((@
@ 1
10
09
90
0 M
MH
HZ
Z))
Range
+ 45.5 to + 59 dBm (35.5 to 800 watts)
Resolution
0.1 dB
Accuracy
± 2 dB
Direct Connection Peak Pulse Power (@1090 MHz)
Range
+ 46.5 to + 59 dBm (45 to 800 watts)
Resolution
0.1 dB
Accuracy
± 1 dB
T
TR
RA
AN
NS
SM
MIIT
TT
TE
ER
R F
FR
RE
EQ
QU
UE
EN
NC
CY
Y
Range
1087.000 to 1093.000 MHz
Resolution
10 kHz
Accuracy
± 50 kHz
R
RE
EC
CE
EIIV
VE
ER
R S
SE
EN
NS
SIIT
TIIV
VIIT
TY
Y,, R
RA
AD
DIIA
AT
TE
ED
D M
MT
TL
L
Range
-67 to -79 dBm into 0 dBi antenna
Resolution
0.1 dB
Accuracy
± 2 dB, typical
R
RE
EC
CE
EIIV
VE
ER
R S
SE
EN
NS
SIIT
TIIV
VIIT
TY
Y,, D
DIIR
RE
EC
CT
T C
CO
ON
NN
NE
EC
CT
TIIO
ON
N M
MT
TL
L
Range
-67 to -79 dBm
Resolution
0.1 dB
Accuracy
± 2 dB
R
RE
EP
PL
LY
Y D
DE
EL
LA
AY
Y
ATCRBS
Range
1.80 to 7.00
µs
Resolution
10 ns
Accuracy
± 50 ns
REPLY DELAY, MODE S AND ATCRBS MODE S ALL-CALL
Range
125.00 to 131.00
µs
Resolution
10 ns
Accuracy
± 50 ns
R
RE
EP
PL
LY
Y D
DE
EL
LA
AY
Y J
JIIT
TT
TE
ER
R
ATCRBS
Range
0.00 to 2.30
µs
Resolution
1 ns
Accuracy
± 20 ns
MODE S AND ATCRBS MODE S ALL-CALL
Range
0.00 to 6.00
µs
Resolution
1 ns
Accuracy
± 20 ns
P
PU
UL
LS
SE
E S
SP
PA
AC
CIIN
NG
G
F1 TO F2
Range
19.70 to 21.60
µs
Resolution
1 ns
Accuracy
± 20 ns
MODE S PREAMBLE
Range, P1 to P2
0.8 to 1.2
µs
Range, P1 to P3
3.3 to 3.7
µs
Range, P1 to P4
4.3 to 4.7
µs
Resolution
1 ns
Accuracy
± 20 ns
P
PU
UL
LS
SE
E W
WIID
DT
TH
HS
S
F1 AND F2
Range
0.25 to 0.75
µs
Resolution
1 ns
Accuracy
± 20 ns
MODE S PREAMBLE
Range
0.25 to 0.75
µs
Resolution
1 ns
Accuracy
± 20 ns
P
PU
UL
LS
SE
E A
AM
MP
PL
LIIT
TU
UD
DE
E V
VA
AR
RIIA
AT
TIIO
ON
N
Range, Mode S (Relative to P1)
+3 to -3 dB
Range, ATCRBS (Relative to F1)
+3 to -3 dB
Resolution
0.1 dB (0.01 dB via RCI)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com