Electronic Components Datasheet Search
  English  ▼

X  

IFR6015 Datasheet(PDF) 9 Page - Aeroflex Circuit Technology

Part # IFR6015
Description  Ramp Test Set
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

IFR6015 Datasheet(HTML) 9 Page - Aeroflex Circuit Technology

Back Button IFR6015 Datasheet HTML 4Page - Aeroflex Circuit Technology IFR6015 Datasheet HTML 5Page - Aeroflex Circuit Technology IFR6015 Datasheet HTML 6Page - Aeroflex Circuit Technology IFR6015 Datasheet HTML 7Page - Aeroflex Circuit Technology IFR6015 Datasheet HTML 8Page - Aeroflex Circuit Technology IFR6015 Datasheet HTML 9Page - Aeroflex Circuit Technology IFR6015 Datasheet HTML 10Page - Aeroflex Circuit Technology IFR6015 Datasheet HTML 11Page - Aeroflex Circuit Technology IFR6015 Datasheet HTML 12Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
For the ver y latest specif ications visit
w w w.aeroflex.com
Accuracy
± 0.5 dB
D
DF
F 1
11
1 S
SQ
QU
UIIT
TT
TE
ER
R P
PE
ER
RIIO
OD
D
Range
0.10 to 4.88 sec
Resolution
10 ms
Accuracy
± 10 ms
D
DIIV
VE
ER
RS
SIIT
TY
Y IIS
SO
OL
LA
AT
TIIO
ON
N
Range
0 to >20 dB (Depending on Test Distance)
Test Distance
1.83m (6ft) to 28.96m (95ft)
Resolution
0.1 dB
Accuracy
± 3 dB
T
TC
CA
AS
S M
MO
OD
DE
E S
SP
PE
EC
CIIF
FIIC
CA
AT
TIIO
ON
NS
S
S
SIIG
GN
NA
AL
L G
GE
EN
NE
ER
RA
AT
TO
OR
R
O
OU
UT
TP
PU
UT
T F
FR
RE
EQ
QU
UE
EN
NC
CY
Y
REPLY FREQUENCY
1090 MHz
Accuracy
± 10 kHz
O
OU
UT
TP
PU
UT
T L
LE
EV
VE
EL
L ((S
SIIM
MU
UL
LA
AT
TE
ED
D E
ER
RP
P))
ANTENNA PORT
Note 1
Radiated power at 0dBi UUT antenna
-68 dBm typical @ 10 Nmi Range, automatically controlled
Range
-67 to -2 dBm at Antenna port
Resolution
0.5 dB
Accuracy
± 2 dB
Distance to UUT antenna
6 to 300 ft with supplied antenna
RF I/O PORT
Automatic mode
-68 dBm @ 10 Nmi Range, automatically controlled
Manual mode Range
-115 to -47 dBm
Resolution
0.5 dB
Accuracy
-95 to –47 dBm, ± 1 dB
Accuracy
-115 to <-95 dBm, ± 2 dB
R
RE
EP
PL
LY
Y P
PU
UL
LS
SE
E S
SP
PA
AC
CIIN
NG
G
MODE C
F1 to F2
20.30
µs ± 25 ns
F1 to C1
1.45
µs ± 25 ns
F1 to A1
2.90
µs ± 25 ns
F1 to C2
4.35
µs ± 25 ns
F1 to A2
5.80
µs ± 25 ns
F1 to C4
7.25
µs ± 25 ns
F1 to A4
8.70
µs ± 25 ns
F1 to B1
11.60
µs ± 25 ns
F1 to D1
13.05
µs ± 25 ns
F1 to B2
14.50
µs ± 25 ns
F1 to D2
15.95
µs ± 25 ns
F1 to B4
17.40
µs ± 25 ns
F1 to D4
18.85
µs ± 25 ns
MODE S
P1 to P2
1.00
µs ± 25 ns
P1 to P3
3.50
µs ± 25 ns
P1 to P4
4.50
µs ± 25 ns
P1 to D1
8.00
µs ± 25 ns
D1 to Dn (n=2 to 112)
1.00
µs times (n-1) ± 25 ns
R
RE
EP
PL
LY
Y P
PU
UL
LS
SE
E W
WIID
DT
TH
HS
S
MODE C
All Pulses
0.45
µs ± 50 ns
MODE S
P1 through P4
0.50
µs ± 50 ns
D1 through D112
0.50
µs ± 50 ns, 1 µs chip width
Reply Modes
TCAS I / II Mode C (with altitude reporting)
TCAS II Mode S formats 0, 11, 16
E-TCAS Modes formats 0, 4, 5, 11, 16, 20, 21
R
RE
EP
PL
LY
Y P
PU
UL
LS
SE
E A
AM
MP
PL
LIIT
TU
UD
DE
ES
S
ATCRBS
± 1 dB relative to F1
Mode S
± 1 dB relative to P1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com