Electronic Components Datasheet Search
  English  ▼

X  

AT25FF321A Datasheet(PDF) 64 Page - Renesas Technology Corp

Part # AT25FF321A
Description  32-Mbit, 1.65 V - 3.6 V SPI Serial Flash Memory with Multi-I/O Support
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25FF321A Datasheet(HTML) 64 Page - Renesas Technology Corp

Back Button AT25FF321A Datasheet HTML 60Page - Renesas Technology Corp AT25FF321A Datasheet HTML 61Page - Renesas Technology Corp AT25FF321A Datasheet HTML 62Page - Renesas Technology Corp AT25FF321A Datasheet HTML 63Page - Renesas Technology Corp AT25FF321A Datasheet HTML 64Page - Renesas Technology Corp AT25FF321A Datasheet HTML 65Page - Renesas Technology Corp AT25FF321A Datasheet HTML 66Page - Renesas Technology Corp AT25FF321A Datasheet HTML 67Page - Renesas Technology Corp AT25FF321A Datasheet HTML 68Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 112 page
background image
DS-AT25FF321A-181 Rev. R
Page 64
2024-12-20
© 2024 Renesas Electronics
AT25FF321A Datasheet
6.11 Program/Erase Suspend (75h/B0h)
The device supports two Program/Erase Suspend commands, 75h and B0h, that perform the exact same
function. The 75h command can be used for legacy software, and the B0h command is used for compatibility with
future implementations.
In some code plus data storage applications, it is often necessary to process certain high-level system interrupts
that require relatively immediate reading of code or data from the Flash memory. In such an instance, it may not
be possible for the system to wait the microseconds or milliseconds required for the Flash memory to complete a
program or erase cycle. The Program/Erase Suspend command allows a program or erase operation in progress
to be suspended so that other device operations can be performed. For example, by suspending an erase
operation to a particular block, the system can perform functions such as a program or read to a different block.
6.11.1
Transfer Format
The 75h and B0h commands follow the 1-0-0 transfer format described in Section 4.2, where the command is
transferred on the SI pin. No address or data are transferred for this command. See Figure 3 for a timing diagram
of this operation.
6.11.2
Transfer Sequence
To perform the Program Erase/Suspend operation, the CS pin is asserted and the information transferred as
follows:
▪ The 75h or B0h command is clocked into the device. Eight clocks are required to transfer the command. The
most significant bit of the command is transferred first.
▪ When the CS pin is deasserted, the device suspends the program.
See Table 18 for more information on the transfer sequence for this command.
6.11.3
Command Behavior During a Program/Erase Operation
If an attempt is made to perform an operation that is not allowed during a program or erase suspend, such as a
Write Status Register operation, then the device simply ignores the command and no operation is performed. The
state of the WEL bit in Status Register 1 is not affected. Note that in the table below, the RDY/BSY bit is located in
Status Register 1. The PS and ES bits are located in Status Register 5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com