Electronic Components Datasheet Search
  English  ▼

X  

AT25FF321A Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # AT25FF321A
Description  32-Mbit, 1.65 V - 3.6 V SPI Serial Flash Memory with Multi-I/O Support
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25FF321A Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button AT25FF321A Datasheet HTML 9Page - Renesas Technology Corp AT25FF321A Datasheet HTML 10Page - Renesas Technology Corp AT25FF321A Datasheet HTML 11Page - Renesas Technology Corp AT25FF321A Datasheet HTML 12Page - Renesas Technology Corp AT25FF321A Datasheet HTML 13Page - Renesas Technology Corp AT25FF321A Datasheet HTML 14Page - Renesas Technology Corp AT25FF321A Datasheet HTML 15Page - Renesas Technology Corp AT25FF321A Datasheet HTML 16Page - Renesas Technology Corp AT25FF321A Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 112 page
background image
DS-AT25FF321A-181 Rev. R
Page 13
2024-12-20
© 2024 Renesas Electronics
AT25FF321A Datasheet
4.2.3
Command and Data Only, No Address (1-0-1)
Figure 5 and Figure 6 show a transfer with command and data only. In this type of transfer no address is required.
The 1-0-1 transfer type for a read operation is shown in Figure 5.
Figure 5. SPI Transfer — Command and Data Only — Read Operation
The 1-0-1 transfer type for a write operation is shown in Figure 6.
Figure 6. SPI Transfer — Command and Data Only — Write Operation
SCK
CS
SI
SO
MSB
23
1
0
CCCCCCCC
67
5
410 11
9
812
21 22
17
20
19
18
15 16
13 14
23 24
COMMAND
MSB
MSB
DDDDDD
D
D
D
D
MSB
DDDDDD
D
D
DATA OUT 1
DATA OUT 1
HIGH-IMPEDANCE
Mode 3
Mode 0
SCK
CS
SI
SO
MSB
23
1
0
CCCCCCC
67
5
410 11
9
814 15
13
12
COMMAND
MSB
CDDDDDDD
D
DATA IN
HIGH-IMPEDANCE
Mode 3
Mode 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com