Electronic Components Datasheet Search
  English  ▼

X  

AT25FF321A Datasheet(PDF) 85 Page - Renesas Technology Corp

Part # AT25FF321A
Description  32-Mbit, 1.65 V - 3.6 V SPI Serial Flash Memory with Multi-I/O Support
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25FF321A Datasheet(HTML) 85 Page - Renesas Technology Corp

Back Button AT25FF321A Datasheet HTML 81Page - Renesas Technology Corp AT25FF321A Datasheet HTML 82Page - Renesas Technology Corp AT25FF321A Datasheet HTML 83Page - Renesas Technology Corp AT25FF321A Datasheet HTML 84Page - Renesas Technology Corp AT25FF321A Datasheet HTML 85Page - Renesas Technology Corp AT25FF321A Datasheet HTML 86Page - Renesas Technology Corp AT25FF321A Datasheet HTML 87Page - Renesas Technology Corp AT25FF321A Datasheet HTML 88Page - Renesas Technology Corp AT25FF321A Datasheet HTML 89Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 112 page
background image
DS-AT25FF321A-181 Rev. R
Page 85
2024-12-20
© 2024 Renesas Electronics
AT25FF321A Datasheet
6.28 Status Register Lock (6Fh)
The Status Register Lock command is used to explicitly lock the Status registers when the SRP1 and SRP0 bits in
Status Registers 2 and 1 are set. Once this occurs, they can no longer be programmed. This command is
provided to eliminate the possibility of inadvertently locking the registers by accidentally setting the SRP1 and
SRP0 bits in Status Registers 2 and 1. Even if these two bits are set to 2’b11, this command, along with two
verification bytes, is required in order for hardware to lock the Status registers.
6.28.1
Command Prerequisites
The Write Enable command (06h) must be executed to set the WEL bit in Status Register 1 before the Status
Register Lock command can be executed. See Section 6.14, \Write Enable (06h) for more information.
6.28.2
Transfer Format
The 6Fh command follows a special 1-0-1 transfer format described in Section 4.2, where the command, address,
and data are transferred on the SI pin. However, for this command, two verification bytes are transferred. Figure
27 shows a timing diagram for this operation.
6.28.3
Transfer Sequence
To perform the Status Register Lock operation, the CS pin is asserted and the information transferred as follows:
▪ The 6Fh command is clocked into the device. Eight clocks are required to transfer the command. The most
significant bit of the command is transferred first.
▪ Data is input on the SI pin. The first verification byte of 4Dh is transferred, followed by a second verification byte
of 67h. Each byte transfer requires eight clock cycles. The data is always input with the most significant bit of
the byte transferred first. Note that these values must be transferred in the correct order. If a value other than
4Dh followed by 67h is transferred, the operation is aborted.
See Table 18 for more information on the transfer sequence for this command.
6.28.4
Transfer Diagram
Figure 27 shows the bus signals during a Status Register Lock operation. In this transfer the command is followed
by two verification bytes.
Figure 27. Status Register Lock Operation with Two Verification Bytes
6.28.5
Programming Restrictions
The Write Status Registers command adheres to the following programming restrictions.
▪ The complete command must be clocked into the device before the CS pin is deasserted.
▪The CS pin must be deasserted on a byte boundary (multiple of eight bits). Otherwise, the device aborts the
operation and no action is taken.
SCK
CS
SI
SO
MSB
MSB
23
1
0
01101111
67
5
410 11
9
812
23
21 22
17
20
19
18
15 16
13 14
COMMAND
HIGH-IMPEDANCE
0100
1
01
1
MSB
01100111
VERIFICATION BYTE 1
VERIFICATION BYTE 2
Mode 3
Mode 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com