Electronic Components Datasheet Search
  English  ▼

X  

AT25SF641B Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # AT25SF641B
Description  64-Mbit SPI Serial Flash Memory with Dual I/O and Quad I/O Support
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25SF641B Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button AT25SF641B Datasheet HTML 35Page - Renesas Technology Corp AT25SF641B Datasheet HTML 36Page - Renesas Technology Corp AT25SF641B Datasheet HTML 37Page - Renesas Technology Corp AT25SF641B Datasheet HTML 38Page - Renesas Technology Corp AT25SF641B Datasheet HTML 39Page - Renesas Technology Corp AT25SF641B Datasheet HTML 40Page - Renesas Technology Corp AT25SF641B Datasheet HTML 41Page - Renesas Technology Corp AT25SF641B Datasheet HTML 42Page - Renesas Technology Corp AT25SF641B Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 62 page
background image
DS-AT25SF641B-191 Rev. K
Page 39
2025-12-12
© 2025 Renesas Electronics
AT25SF641B Datasheet
11. Status Register Commands
11.1 Read Status Register (05h, 35h, and 15h)
The Status Register can be read to determine the device's ready/busy status, as well as the status of many other
functions, such as Block Protection. The Status Register can be read at any time, including during an internally
self-timed program or erase operation.
To read Status Register Byte 1, the CS pin must first be asserted and the opcode of 05h must be clocked into the
device. After the opcode has been clocked in, the device begins outputting Status Register Byte 1 data on the SO
pin during every subsequent clock cycle. After the last bit (0) of Status Register Byte 1 has been clocked out, the
sequence repeats itself, starting again with bit 7, as long as the CS pin remains asserted and the clock pin is being
pulsed. The data in the Status Register is constantly being updated, so each repeating sequence outputs new
data. Deasserting the CS pin terminates the Read Status Register operation and puts the SO pin into a high-
impedance state. The CS pin can be deasserted at any time and does not require that a full byte of data be read.
To read Status Register Byte 2, the CS pin must first be asserted, and the opcode of 35h must be clocked into the
device. After the opcode has been clocked in, the device begins outputting Status Register Byte 2 data on the SO
pin during every subsequent clock cycle. After the last bit (0) of Status Register Byte 2 has been clocked out, the
sequence repeats itself starting again with bit 7 as long as the CS pin remains asserted and the clock pin is being
pulsed. The data in the Status Register is constantly being updated, so each repeating sequence outputs new
data. Deasserting the CS pin terminates the Read Status Register operation and puts the SO pin into a high-
impedance state. The CS pin can be deasserted at any time and does not require that a full byte of data be read.
1. Only bits designated as R/W can be modified when using the Write Status Register command. Bits designated as R cannot be modified.
2. R/W = Readable and writable; R = Readable only.
Table 11. Status Register 1 Bit Assignments
Bit1
Mnemonic
Name
Type2
Description
7
SRP0
Status Register Protection bit 0
R/W
See Table 15 on Status Register Protection.
6
BP4
Block Protection bit 4
R/W
See Table 6 and Table 7 on Non-Volatile Protection.
5
BP3
Block Protection bit 3
R/W
4
BP2
Block Protection bit 2
R/W
3
BP1
Block Protection bit 1
R/W
2
BP0
Block Protection bit 0
R/W
1
WEL
Write Enable Latch Status
R
0
Device is not Write Enabled (default).
1
Device is Write Enabled.
0RDY/BSY
Ready/Busy Status
R
0
Device is ready.
1
Device is busy with an internal operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com