Electronic Components Datasheet Search
  English  ▼

X  

AT25SF641B Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # AT25SF641B
Description  64-Mbit SPI Serial Flash Memory with Dual I/O and Quad I/O Support
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25SF641B Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button AT25SF641B Datasheet HTML 17Page - Renesas Technology Corp AT25SF641B Datasheet HTML 18Page - Renesas Technology Corp AT25SF641B Datasheet HTML 19Page - Renesas Technology Corp AT25SF641B Datasheet HTML 20Page - Renesas Technology Corp AT25SF641B Datasheet HTML 21Page - Renesas Technology Corp AT25SF641B Datasheet HTML 22Page - Renesas Technology Corp AT25SF641B Datasheet HTML 23Page - Renesas Technology Corp AT25SF641B Datasheet HTML 24Page - Renesas Technology Corp AT25SF641B Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 62 page
background image
DS-AT25SF641B-191 Rev. K
Page 21
2025-12-12
© 2025 Renesas Electronics
AT25SF641B Datasheet
7.5.1
Quad-I/O Fast Read Array (EBh) with Continuous Read Mode
The Fast Read Quad I/O command can further reduce command overhead through setting the Continuous Read
Mode bits (M7-0) after the input Address bits (A23-0), as shown in Figure 11. The upper nibble (M7-4) of the
Continuous Read Mode bits controls the length of the next Fast Read Quad I/O command through the inclusion,
or exclusion, of the first byte command code. The lower nibble bits (M3-0) of the Continuous Read Mode bits are
don't care. However, the IO pins must be high-impedance prior to the falling edge of the first data out clock. If the
Continuous Read Mode bits M5-4 = (1,0), the next Quad-I/O Read Array command (after CS is raised and then
lowered) does not require the EBh command code, as shown in Figure 12. This reduces the command sequence
by eight clocks and allows the Read address to be immediately entered after CS is asserted low. If the Continuous
Read Mode
bits M5-4 do not equal to (1,0), the next command (after CS is raised and then lowered) requires the
first byte command code, thus returning to normal operation. A Continuous Read Mode Reset command can also
be used to reset M7-0 before issuing normal commands.
Figure 12. Quad I/O Read Array with Continuous Read Mode (Previous Command Set M5, M4 = 1,0)
I/O0
SCK
I/O1
CS
23
1
06
7
5
410 11
9
8
A20 A16 A12 A8
A23-A16 A15-A8
A21 A17 A13 A9
D4
D1
D0
D5
D4
Byte 1
D5
D0
D1
Byte 2
I/O2
A22 A18 A14 A10
D2 D6
D6
D2
I/O3
A23 A19 A15 A11
D3 D7
D7
D3
14 15
13
12
A4 A0 M4 M0
A7-A0
M7-M0
A6 A2 M6 M2
A7 A3 M7 M3
A5 A1 M5 M1
Dummy
Mode 3
Mode 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com