Electronic Components Datasheet Search
  English  ▼

X  

AT25SF641B Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # AT25SF641B
Description  64-Mbit SPI Serial Flash Memory with Dual I/O and Quad I/O Support
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25SF641B Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button AT25SF641B Datasheet HTML 24Page - Renesas Technology Corp AT25SF641B Datasheet HTML 25Page - Renesas Technology Corp AT25SF641B Datasheet HTML 26Page - Renesas Technology Corp AT25SF641B Datasheet HTML 27Page - Renesas Technology Corp AT25SF641B Datasheet HTML 28Page - Renesas Technology Corp AT25SF641B Datasheet HTML 29Page - Renesas Technology Corp AT25SF641B Datasheet HTML 30Page - Renesas Technology Corp AT25SF641B Datasheet HTML 31Page - Renesas Technology Corp AT25SF641B Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 62 page
background image
DS-AT25SF641B-191 Rev. K
Page 28
2025-12-12
© 2025 Renesas Electronics
AT25SF641B Datasheet
8.4
Chip Erase (60h or C7h)
The entire memory array can be erased in a single operation by using the Chip Erase command. Before a Chip
Erase command can be started, the Write Enable command must have been previously issued to the device to set
the WEL bit of the Status Register to a logical 1 state.
Two opcodes (60h and C7h) can be used for the Chip Erase command. There is no difference in device
functionality when using the two opcodes; thus, they can be used interchangeably. To perform a Chip Erase, one
of the two opcodes must be clocked into the device. Since the entire memory array is to be erased, no address
bytes need to be clocked into the device, and any data clocked in after the opcode is ignored. When the CS pin is
deasserted, the device erases the entire memory array. The erasing of the device is internally self-timed and takes
place in a time of tCHPE.
The complete opcode must be clocked into the device before the CS pin is deasserted, and the CS pin must be
deasserted on an byte boundary (multiples of eight bits); otherwise, no erase is performed. Also, if the memory
array is in the protected state, the Chip Erase command is not executed, and the device returns to the idle state
once the CS pin has been deasserted. The WEL bit in the Status Register is reset to the logical 0 state if the CS
pin is deasserted on uneven byte boundaries, or if the memory is in the protected state.
While the device is executing a successful erase cycle, the Status Register can be read and indicates that the
device is busy. For faster throughput, it is recommended that the Status Register be polled to determine if the
device has finished erasing. At some point before the erase cycle completes, the WEL bit in the Status Register is
reset to the logical 0 state.
Figure 21. Chip Erase Timing
SCK
CS
SI
SO
MSB
23
1
0
CCCCCCCC
67
5
4
OPCODE
HIGH-IMPEDANCE
Mode 3
Mode 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com