Electronic Components Datasheet Search
  English  ▼

X  

AT45DB021E Datasheet(PDF) 40 Page - Renesas Technology Corp

Part # AT45DB021E
Description  2-Mbit DataFlash (with Extra 64 kbits) 1.65 V Minimum SPI Serial Flash Memory
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT45DB021E Datasheet(HTML) 40 Page - Renesas Technology Corp

Back Button AT45DB021E Datasheet HTML 36Page - Renesas Technology Corp AT45DB021E Datasheet HTML 37Page - Renesas Technology Corp AT45DB021E Datasheet HTML 38Page - Renesas Technology Corp AT45DB021E Datasheet HTML 39Page - Renesas Technology Corp AT45DB021E Datasheet HTML 40Page - Renesas Technology Corp AT45DB021E Datasheet HTML 41Page - Renesas Technology Corp AT45DB021E Datasheet HTML 42Page - Renesas Technology Corp AT45DB021E Datasheet HTML 43Page - Renesas Technology Corp AT45DB021E Datasheet HTML 44Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 68 page
background image
DS-AT45DB021E-8789 Rev. M
Page 40
5/16/24
© 2024 Renesas Electronics
AT45DB021E Datasheet
16. Operation Mode Summary
The commands described previously can be grouped into four different categories to better describe which
commands can be executed at what times.
Group A commands consist of:
• Main Memory Page Read
• Continuous Array Read (SPI)
• Read Sector Protection Register
• Read Sector Lockdown Register
• Read Security Register
•Buffer Read
Group B commands consist of:
• Page Erase
• Block Erase
• Sector Erase
• Chip Erase
• Main Memory Page to the Buffer Transfer
• Main Memory Page to the Buffer Compare
• Buffer to Main Memory Page Program with Built-In Erase
• Buffer to Main Memory Page Program without Built-In Erase
• Main Memory Page Program through the Buffer with Built-In Erase
• Main Memory Byte/Page Program through Buffer without Built-In Erase
• Auto Page Rewrite
• Read-Modify-Write
Group C commands consist of:
•Buffer Write
• Status Register Read
• Manufacturer and Device ID Read
• Group D commands consist of:
• Erase Sector Protection Register
• Program Sector Protection Register
• Sector Lockdown
• Program Security Register
• Buffer and Page Size Configuration
• Freeze Sector Lockdown
If a Group A command is in progress (not fully completed), then another command in Group A, B, C, or D must not
be started. However, during the internally self-timed portion of Group B commands, any command in Group C can
be executed. The Group B commands using the Buffer must use Group C commands. Finally, during the internally
self-timed portion of a Group D command, only the Status Register Read command is executable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com