Electronic Components Datasheet Search
  English  ▼

X  

AT45DB021E Datasheet(PDF) 63 Page - Renesas Technology Corp

Part # AT45DB021E
Description  2-Mbit DataFlash (with Extra 64 kbits) 1.65 V Minimum SPI Serial Flash Memory
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT45DB021E Datasheet(HTML) 63 Page - Renesas Technology Corp

Back Button AT45DB021E Datasheet HTML 59Page - Renesas Technology Corp AT45DB021E Datasheet HTML 60Page - Renesas Technology Corp AT45DB021E Datasheet HTML 61Page - Renesas Technology Corp AT45DB021E Datasheet HTML 62Page - Renesas Technology Corp AT45DB021E Datasheet HTML 63Page - Renesas Technology Corp AT45DB021E Datasheet HTML 64Page - Renesas Technology Corp AT45DB021E Datasheet HTML 65Page - Renesas Technology Corp AT45DB021E Datasheet HTML 66Page - Renesas Technology Corp AT45DB021E Datasheet HTML 67Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 68 page
background image
DS-AT45DB021E-8789 Rev. M
Page 63
5/16/24
© 2024 Renesas Electronics
AT45DB021E Datasheet
30. Packaging Information
30.1 8-lead 150-mil JEDEC SOIC
COMMON DIMENSIONS
(Unit of Measure = mm)
SYMBOL
MIN
NOM
MAX
NOTE
A1
0.10
0.18
0.25
A
1.35
1.60
1.75
b
0.31
0.43
0.51
C
0.17
0.22
0.25
D
4.80
4.83
5.05
E1
3.81
3.90
3.99
E
5.79
6.00
6.20
e
1.27 BSC
L
0.40
0.60
1.27
Ø
0°
3.75
8°
Ø
E
1
8
TOP VIEW
C
E1
END VIEW
A
b
L
A1
e
D
SIDE VIEW
Notes: This drawing is for general information only.
See JEDEC Drawing MS-012, Variation AA,
for proper dimensions, tolerances, datums, etc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com