Electronic Components Datasheet Search
  English  ▼

X  

AT45DB021E Datasheet(PDF) 45 Page - Renesas Technology Corp

Part # AT45DB021E
Description  2-Mbit DataFlash (with Extra 64 kbits) 1.65 V Minimum SPI Serial Flash Memory
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT45DB021E Datasheet(HTML) 45 Page - Renesas Technology Corp

Back Button AT45DB021E Datasheet HTML 41Page - Renesas Technology Corp AT45DB021E Datasheet HTML 42Page - Renesas Technology Corp AT45DB021E Datasheet HTML 43Page - Renesas Technology Corp AT45DB021E Datasheet HTML 44Page - Renesas Technology Corp AT45DB021E Datasheet HTML 45Page - Renesas Technology Corp AT45DB021E Datasheet HTML 46Page - Renesas Technology Corp AT45DB021E Datasheet HTML 47Page - Renesas Technology Corp AT45DB021E Datasheet HTML 48Page - Renesas Technology Corp AT45DB021E Datasheet HTML 49Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 68 page
background image
DS-AT45DB021E-8789 Rev. M
Page 45
5/16/24
© 2024 Renesas Electronics
AT45DB021E Datasheet
18. Power-On/Reset State
When power is first applied to the device, or when recovering from a reset condition, the output pin (SO) is in a
high impedance state, and a high-to-low transition on the CSB pin is required to start a valid instruction. The SPI
mode (Mode 3 or Mode 0) is automatically selected on every falling edge of CSB by sampling the inactive clock
state.
18.1 Power-Up/Power-Down Voltage and Timing Requirements
As the device initializes, there is a transient current demand. The system needs to be capable of providing this
current to ensure correct initialization. During power-up, the device must not be READ for at least the minimum
tVCSL time after the supply voltage reaches the minimum VPOR level (VPOR min). While the device is being
powered-up, the internal Power-On Reset (POR) circuitry keeps the device in a reset mode until the supply
voltage rises above the minimum Vcc. During this time, all operations are disabled and the device does not
respond to any commands.
If the first operation to the device after power-up is a program or erase operation, then the operation cannot be
started until the supply voltage reaches the minimum Vcc level and an internal device delay has elapsed. This
delay has a maximum time of tPUW. After the tPUW time, the device is in the standby mode if CSB is at logic high or
active mode if CSB is at logic low. For the case of Power-down then Power-up operation, or if a power interruption
occurs (such that Vcc drops below VPOR max), the Vcc of the Flash device must be maintained below VPWD for at
least the minimum specified TPWD time. This is to ensure the Flash device resets properly after a power
interruption.
Table 33. Voltage and Timing Requirements for Power-Up/Power-Down
Figure 23. Power-Up Timing
Symbol
Parameter
Min
Max
Units
VPWD[1]
1. Not 100% tested (value guaranteed by design and characterization).
VCC for device initialization
1.0
V
tPWD[1]
Minimum duration for device initialization
300
µs
tVCSL
Minimum VCC to chip select low time for Read command
70
µs
tVR[1]
VCC rise time
1
500000
µs/V
VPOR
Power on reset voltage
1.45
1.6
V
tPUW
Power up delay time before Program or Erase is allowed
3
ms
VCC
V
POR max
Max V
PWD
Time
t
PWD
t
PUW
Full Operation Permitted
t
VR
t
VCSL
Read Operation
Permitted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com