Electronic Components Datasheet Search
  English  ▼

X  

225P Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 225P
Description  Polyester Capacitors Filmite® “E”, ORANGE DROP®, Radial Lead
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

225P Datasheet(HTML) 1 Page - Vishay Siliconix

  225P Datasheet HTML 1Page - Vishay Siliconix 225P Datasheet HTML 2Page - Vishay Siliconix 225P Datasheet HTML 3Page - Vishay Siliconix 225P Datasheet HTML 4Page - Vishay Siliconix 225P Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Document Number: 42016
For technical questions, contact: spresale@vishay.com
www.vishay.com
Revision: 19-Feb-07
25
Type 225P
Vishay Sprague
Polyester Capacitors
Filmite® “E”, ORANGE DROP®, Radial Lead
FEATURES
• Utilizes minimum area where printed wiring
board space is most important
• Wound from PETP polyester film and thin gauge
foil
under
carefully
controlled
atmospheric
conditions
• Protected against moisture by a conformal coating of
epoxy
• Specifically designed for printed wiring board applications
• Widely
used
in
computers,
instrumentation
and
telecommunications equipment
• 100 VDC through 600 VDC, may be operated up to
+ 125 °C with proper dearting
PERFORMANCE CHARACTERISTICS
Operating Temperature: - 55 °C to + 85 °C
To + 105 °C when working voltage is reduced to 70 % of
+ 85 °C rating; to + 125 °C when working voltage is reduced
to 50 % of 85 °C rating
Insulation Resistance: After a 2 minute charge at rated
voltage or 500 V, whichever is less.
At + 25 °C: 100 000 Megohm for C
≤ 0.25 Microfarads
25000 Megohm - Microfarads for C > 0.25 Microfarads
At + 85 °C: 10 000 Megohm for C
≤ 0.15 Microfarads
1500 Megohm - Microfarads for C > 0.15 Microfarads
At + 105 °C: 1500 Megohm for C
≤ 0.17 Microfarads
250 Megohm - Microfarads for C > 0.17 Microfarads
At + 125 °C: 200 Megohm for C
≤ 0.13 Microfarads
25 Megohm - Microfarads for C > 0.13 Microfarads
Capacitance Tolerance and Dissipation Factor:
Capacitors shall be measured at a frequency of 1000 Hz at
+ 25 °C or else be referred to measurements made at that
frequency and temperature. The maximum dissipation factor
shall be 0.75 %
Dielectric Withstanding Voltage:
Capacitors shall withstand a DC potential of 250 % of rated
voltage applied between terminals for not more than 5
seconds. The test voltage must be applied and discharged
through a resistor of 1 ohm per volt.
Humidity Test:
Condition capacitors with no voltage applied for 72 hours at
95 % relative humidity and + 75 °C. Remove capacitors from
humidity chamber, wipe surface dry of moisture and dry in
circulating air for 4 hours. Measure insulation resistance after
a 2 minute charge at 25 °C and rated voltage or 500 VDC,
whichever is less. Minimum product of insulation resistance
and capacitance shall be 5000 Megohm - Microfarads after
test but need not exceed 10 000 Megohm. Not more than
one failure allowed in 12 units tested.
DC Life Test:
Capacitance are capable of withstanding a 500 hour life test
at + 85 °C at 150 % of rated working voltage. After test,
capacitance shall not have changed by more than 5 % of
initial value, insulation resistance shall not have decreased
by more than 50 % of the initial limit and dissipation factor
shall not have increased to more than 1 %.
RoHS
COMPLIANT
DIMENSIONS in inches [millimeters]
CASE
CODE
L
(Max.)
S
Terminal A and B
Terminal D
W
0.70 [17.78]
0.562 [14.275]
0.375 [9.525]
X
0.80 [20.32]
0.613 [15.570]
0.375 [9.525]
Y
1.25 [31.75]
0.969 [24.613]
0.719 [18.263]
Terminal A
L
Max.
0.237
[6.020]
Max.
S
± 0.060 [1.524]
Lead
Length
"
Terminal B
0.237
[6.020]
Max.
L
Max.
S
± 0.030 [0.762]
Lead
Length
0.237
[6.020]
Max.
Terminal D
L
Max.
S
± 0.030 [0.762]
T Max.
H
Max.
Lead
Length
Tinned Copper-Clad Steel
0.032 [0.813] Dia.
(No. 20 AWG)


Similar Part No. - 225P

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
225P CDE-225P Datasheet
318Kb / 8P
Radial-lead. Pressed profile
logo
List of Unclassifed Man...
225P10291W ETC1-225P10291W Datasheet
240Kb / 7P
Type 225P, Orange Drop짰, Polyester Film/Foil Capacitors
logo
Cornell Dubilier Electr...
225P10291W CDE-225P10291W Datasheet
318Kb / 8P
Radial-lead. Pressed profile
225P10292X CDE-225P10292X Datasheet
318Kb / 8P
Radial-lead. Pressed profile
225P10294X CDE-225P10294X Datasheet
318Kb / 8P
Radial-lead. Pressed profile
More results

Similar Description - 225P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
715P12392J VISHAY-715P12392J Datasheet
148Kb / 7P
Polypropylene Film Capacitors ORANGE DROP® , Low Loss
13-Nov-03
288P VISHAY-288P Datasheet
101Kb / 3P
R-C Arc Suppressors ORANGE DROP®, Radial Lead
13-Nov-03
logo
List of Unclassifed Man...
16810450A-F ETC2-16810450A-F Datasheet
584Kb / 4P
Metallized Polyester Radial Lead Capacitors
16022463C-F ETC2-16022463C-F Datasheet
779Kb / 5P
Metallized Polyester Radial Lead Capacitors
logo
Vishay Siliconix
199D226X0016DA1 VISHAY-199D226X0016DA1 Datasheet
114Kb / 7P
Solid-Electrolyte TANTALEX® Capacitors, Resin-Coated, Radial-Lead
29-Nov-12
199D336X9010DE2 VISHAY-199D336X9010DE2 Datasheet
114Kb / 7P
Solid-Electrolyte TANTALEX® Capacitors, Resin-Coated, Radial-Lead
29-Nov-12
199D225X9050C1V1E3 VISHAY-199D225X9050C1V1E3 Datasheet
114Kb / 7P
Solid-Electrolyte TANTALEX® Capacitors, Resin-Coated, Radial-Lead
29-Nov-12
logo
List of Unclassifed Man...
225P10591YD3 ETC2-225P10591YD3 Datasheet
212Kb / 8P
Type 225P, Orange Drop, Polyester Film/Foil Capacitors
logo
Vishay Siliconix
199D VISHAY-199D Datasheet
60Kb / 4P
Solid-Electrolyte TANTALEX® Capacitors, Resin-Coated, Radial-Lead
07-May-03
logo
Lapp.
52005780 LAPP-52005780 Datasheet
148Kb / 1P
SKINDICHT® E
11.10.2021
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com