Electronic Components Datasheet Search
  English  ▼

X  

225P Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 225P
Description  Polyester Capacitors Filmite® “E”, ORANGE DROP®, Radial Lead
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

225P Datasheet(HTML) 3 Page - Vishay Siliconix

  225P Datasheet HTML 1Page - Vishay Siliconix 225P Datasheet HTML 2Page - Vishay Siliconix 225P Datasheet HTML 3Page - Vishay Siliconix 225P Datasheet HTML 4Page - Vishay Siliconix 225P Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Type 225P
Polyester Capacitors
Filmite® “E”, ORANGE DROP®, Radial Lead
Vishay Sprague
Document Number: 42016
For technical questions, contact: spresale@vishay.com
www.vishay.com
Revision: 19-Feb-07
27
* Parts ordered with D3 leads are standard capacitors in stock and available through the Sprague® Distribution Network. For complete Part
Number, add letter and number for terminal and lead length. See How to Order (Ex: 225P39391WD3).
** 60 Hz rms
STANDARD RATINGS* in inches [millimeters]
µF
± 10 % TOLERANCE
PART NUMBER
SIZE
LHT
200 VDC/140 VAC**
0.001
225P10292X
0.80 [20.32]
0.55 [13.97]
0.25 [6.35]
0.0015
225P15292X
0.80 [20.32]
0.55 [13.97]
0.25 [6.35]
0.0022
225P22292X
0.80 [20.32]
0.55 [13.97]
0.25 [6.35]
0.0033
225P33292X
0.80 [20.32]
0.55 [13.97]
0.25 [6.35]
0.0047
225P47292X
0.80 [20.32]
0.55 [13.97]
0.25 [6.35]
0.0068
225P68292X
0.80 [20.32]
0.58 [14.73]
0.25 [6.35]
0.01
225P10392X
0.80 [20.32]
0.58 [14.73]
0.25 [6.35]
0.015
225P15392X
0.80 [20.32]
0.58 [14.73]
0.25 [6.35]
0.022
225P22392X
0.80 [20.32]
0.58 [14.73]
0.25 [6.35]
0.033
225P33392X
0.80 [20.32]
0.61 [15.49]
0.28 [7.11]
0.047
225P47392X
0.80 [20.32]
0.61 [15.49]
0.28 [7.11]
0.068
225P68392X
0.80 [20.32]
0.64 [16.26]
0.31 [7.87]
0.1
225P10492X
0.80 [20.32]
0.71 [18.03]
0.37 [9.40]
0.1
225P10492Y
1.25 [31.75]
0.64 [16.26]
0.31 [7.87]
0.15
225P15492X
0.80 [20.32]
0.74 [18.80]
0.41 [10.41]
0.22
225P22492X
0.80 [20.32]
0.77 [19.56]
0.48 [12.19]
0.33
225P33492Y
1.25 [31.75]
0.71 [18.03]
0.41 [10.41]
0.47
225P47492Y
1.25 [31.75]
0.83 [21.08]
0.50 [12.70]
0.68
225P68492Y
1.25 [31.75]
1.14 [28.96]
0.84 [21.34]
400 VDC/200 VAC**
0.001
225P10294X
0.80 [20.32]
0.55 [13.97]
0.25 [6.35]
0.0015
225P15294X
0.80 [20.32]
0.55 [13.97]
0.25 [6.35]
0.0022
225P22294X
0.80 [20.32]
0.55 [13.97]
0.25 [6.35]
0.0033
225P33294X
0.80 [20.32]
0.55 [13.97]
0.25 [6.35]
0.0047
225P47294X
0.80 [20.32]
0.55 [13.97]
0.25 [6.35]
0.0068
225P68294X
0.80 [20.32]
0.58 [14.73]
0.25 [6.35]
0.01
225P10394X
0.80 [20.32]
0.58 [14.73]
0.28 [7.11]
0.015
225P15394X
0.80 [20.32]
0.58 [14.73]
0.28 [7.11]
0.022
225P22394X
0.80 [20.32]
0.58 [14.73]
0.31 [7.87]
0.033
225P33394X
0.80 [20.32]
0.65 [16.51]
0.34 [8.64]
0.047
225P47394X
0.80 [20.32]
0.65 [16.51]
0.41 [10.41]
0.047
225P47394Y
1.25 [31.75]
0.64 [16.26]
0.31 [7.87]
0.068
225P68394X
0.80 [20.32]
0.80 [20.32]
0.47 [11.94]
0.1
225P10494X
0.80 [20.32]
0.84 [21.34]
0.52 [13.21]
0.1
225P10494Y
1.25 [31.75]
0.74 [18.80]
0.41 [10.41]
0.15
225P15494Y
1.25 [31.75]
0.80 [20.32]
0.47 [11.94]
0.22
225P22494Y
1.25 [31.75]
0.89 [22.61]
0.56 [14. 22]
0.33
225P33494Y
1.25 [31.75]
0.99 [25.15]
0.72 [18.29]
0.47
225P47494Y
1.25 [31.75]
1.14 [28.96]
0.84 [21.34]



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com