Electronic Components Datasheet Search
  English  ▼

X  

225P Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 225P
Description  Polyester Capacitors Filmite® “E”, ORANGE DROP®, Radial Lead
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

225P Datasheet(HTML) 2 Page - Vishay Siliconix

  225P Datasheet HTML 1Page - Vishay Siliconix 225P Datasheet HTML 2Page - Vishay Siliconix 225P Datasheet HTML 3Page - Vishay Siliconix 225P Datasheet HTML 4Page - Vishay Siliconix 225P Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.vishay.com
For technical questions, contact: spresale@vishay.com
Document Number: 42016
26
Revision: 19-Feb-07
Type 225P
Vishay Sprague
Polyester Capacitors
Filmite® “E”, ORANGE DROP®, Radial Lead
* Parts ordered with D3 leads are standard capacitors in stock and available through the Sprague® Distribution Network. For complete Part
Number, add letter and number for terminal and lead length. See Ordering Information (Ex: 225P39391WD3).
** 60 Hz rms
CAPACITANCE CHANGE
- 55 - 40 - 25
0
+ 25
+ 50
+ 75 + 85 + 105 + 125
- 50
+ 100
16
14
12
10
8
6
4
2
0
2
4
6
CAPACITANCE CHANGE ENVELOPE
FOR 96 % CONFIDENCE LEVEL
TEMPERATURE DEG. CENTIGRADE
DISSIPATION FACTOR VS.TEMPERATURE
TYPICAL
- 55 - 40 - 25
0
+ 25 + 50 + 75 + 85 + 105 + 125
- 50
+ 100
TEMPERATURE DEG. CENTIGRADE
1.5
1.0
0.5
0
STANDARD RATINGS*
µF
± 10 % TOLERANCE
PART NUMBER
SIZE
LHT
100 VDC/70 VAC**
0.001
225P10291W
0.70 [17.78]
0.35 [8.89]
0.25 [6.35]
0.0012
225P12291W
0.70 [17.78]
0.35 [8.89]
0.25 [6.35]
0.0015
225P15291W
0.70 [17.78]
0.35 [8.89]
0.25 [6.35]
0.0018
225P18291W
0.70 [17.78]
0.35 [8.89]
0.25 [6.35]
0.0022
225P22291W
0.70 [17.78]
0.35 [8.89]
0.25 [6.35]
0.0027
225P27291W
0.70 [17.78]
0.35 [8.89]
0.25 [6.35]
0.0033
225P33291W
0.70 [17.78]
0.35 [8.89]
0.25 [6.35]
0.0039
225P39291W
0.70 [17.78]
0.35 [8.89]
0.25 [6.35]
0.0047
225P47291W
0.70 [17.78]
0.35 [8.89]
0.25 [6.35]
0.0056
225P56291W
0.70 [17.78]
0.35 [8.89]
0.25 [6.35]
0.0068
225P68291W
0.70 [17.78]
0.35 [8.89]
0.25 [6.35]
0.0082
225P82291W
0.70 [17.78]
0.35 [8.89]
0.25 [6.35]
0.01
225P10391W
0.70 [17.78]
0.35 [8.89]
0.25 [6.35]
0.012
225P12391W
0.70 [17.78]
0.35 [8.89]
0.25 [6.35]
0.015
225P15391W
0.70 [17.78]
0.35 [8.89]
0.25 [6.35]
0.018
225P18391W
0.70 [17.78]
0.35 [8.89]
0.25 [6.35]
0.022
225P22391W
0.70 [17.78]
0.35 [8.89]
0.25 [6.35]
0.027
225P27391W
0.70 [17.78]
0.37 [9.40]
0.27 [6.86]
0.033
225P33391W
0.70 [17.78]
0.37 [9.40]
0.27 [6.86]
0.039
225P39391W
0.70 [17.78]
0.42 [10.67]
0.30 [7.62]
0.047
225P47391W
0.70 [17.78]
0.42 [10.67]
0.30 [7.62]
0.056
225P56391W
0.70 [17.78]
0.49 [12.45]
0.34 [8.64]
0.068
225P68391W
0.70 [17.78]
0.49 [12.45]
0.34 [8.64]
0.082
225P82391W
0.70 [17.78]
0.55 [13.97]
0.40 [10.16]
0.1
225P10491W
0.70 [17.78]
0.55 [13.97]
0.40 [10.16]
0.12
225P12491X
0.80 [20.32]
0.57 [14.48]
0.37 [9.40]
0.15
225P15491X
0.80 [20.32]
0.62 [15.75]
0.40 [10.16]
0.18
225P18491X
0.80 [20.32]
0.66 [16.76]
0.43 [10.92]
0.22
225P22491X
0.80 [20.32]
0.70 [17.78]
0.46 [11.68]
0.27
225P27491X
0.80 [20.32]
0.74 [18.80]
0.49 [12.45]
0.33
225P33491X
0.80 [20.32]
0.77 [19.56]
0.52 [13.21]
0.39
225P39491X
0.80 [20.32]
0.81 [20.57]
0.55 [13.97]
0.47
225P47491X
0.80 [20.32]
0.86 [21.84]
0.60 [15.24]
0.56
225P56491Y
1.25 [31.75]
0.88 [22.35]
0.55 [13.97]
0.68
225P68491Y
1.25 [31.75]
0.90 [22.86]
0.58 [14.73]
0.82
225P82491Y
1.25 [31.75]
0.94 [23.88]
0.65 [16.51]
1.0
225P10591Y
1.25 [31.75]
0.98 [24.89]
0.72 [18.29]



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com