Electronic Components Datasheet Search
  English  ▼

X  

P14 Datasheet(PDF) 2 Page - Innovative Sensor Technology

Part # P14
Description  Capacitive Humidity Sensor Optimal for weather balloons and radio sondes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IST [Innovative Sensor Technology]
Direct Link  https://www.ist-ag.com/en
Logo IST - Innovative Sensor Technology

P14 Datasheet(HTML) 2 Page - Innovative Sensor Technology

  P14 Datasheet HTML 1Page - Innovative Sensor Technology P14 Datasheet HTML 2Page - Innovative Sensor Technology P14 Datasheet HTML 3Page - Innovative Sensor Technology P14 Datasheet HTML 4Page - Innovative Sensor Technology P14 Datasheet HTML 5Page - Innovative Sensor Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Product Photo
Characteristic Curve
130.0
135.0
140.0
145.0
150.0
155.0
160.0
0.0
10.0
20.0
30.0
40.0
50.0
60.0
70.0
80.0
90.0
100.0
rel. humidity [%RH]
Wired
Order Information
Description:
Item number:
Former main reference:
P14 Rapid-W (140 ±40pF)
103573
040.00177
P14 Rapid_AuCu
| Humidity Sensor | P14 Rapid
2/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com