Electronic Components Datasheet Search
  English  ▼

X  

P14 Datasheet(PDF) 1 Page - Innovative Sensor Technology

Part # P14
Description  Capacitive Humidity Sensor Optimal for weather balloons and radio sondes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IST [Innovative Sensor Technology]
Direct Link  https://www.ist-ag.com/en
Logo IST - Innovative Sensor Technology

P14 Datasheet(HTML) 1 Page - Innovative Sensor Technology

  P14 Datasheet HTML 1Page - Innovative Sensor Technology P14 Datasheet HTML 2Page - Innovative Sensor Technology P14 Datasheet HTML 3Page - Innovative Sensor Technology P14 Datasheet HTML 4Page - Innovative Sensor Technology P14 Datasheet HTML 5Page - Innovative Sensor Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Benefits & Characteristics
▪
Ultra fast response time
▪
Temperature shock resistant
▪
Condensation resistant
▪
Fast recovery time
▪
High humidity stability
▪
Wide temperature range
Illustration1)
1) For actual size, see dimensions
Technical Data
Dimensions (L x W x H / H2 in mm):
5 x 3.81 x 0.4 / 0.8
Capacitance at 30 % RH and +23 °C (C
30):
140 pF ±40 pF
Sensitivity at C
30 = 150 pF/ 180 pF
(15 % RH to 90 % RH):
0.25 pF/% RH
Operating humidity range:
0 % RH to 100 % RH (maximal dew point +85 °C)
Operating temperature range:
-80 °C to +150 °C
Loss factor:
< 0.01 (at 23 °C, at 10 kHz, at 90 % RH)
Linearity error:
< 1.5 % RH (15 % RH to 90 % RH at +23 °C after one point
calibration)
Hysteresis:
< 1.5 % RH
Response time t
63:
2)
< 1.5 s (50 % RH to 0 % RH at +23 °C)
2) The response time is often measured for increasing humidity steps, whereas physics predicts that decreasing humidity leads to generally far longer response times for
capacitive humidity sensors. IST thus measures response times always for decreasing humidity values, since this is the worst case.
Temperature dependence (nominal):
∆ % RH = (B1 x % RH + B2) x T [ °C] + (B3 x % RH + B4)
B1 = 0.0014 [1/ °C]
B2 = 0.1325 [% RH/ °C]
B3 = -0.0317
B4 = -3.0876 [% RH]
Measurement frequency:
1 kHz to 100 kHz (recommended 10 kHz)
Maximal supply voltage:
< 12 V
pp AC
Signal form:
alternating signal without DC bias
Connection:
Au/Cu-wire, Ø 0.4 mm
The calibration of the sensor must be done 5 days after soldering at the earliest.
P14 Rapid with AuCu wire
Capacitive Humidity Sensor
Optimal for weather balloons and radio sondes
P14 Rapid_AuCu
| Humidity Sensor | P14 Rapid
1/5


Similar Part No. - P14

ManufacturerPart #DatasheetDescription
logo
Semikron International
P14 SEMIKRON-P14 Datasheet
293Kb / 3P
For isolated power modules
logo
Ferroxcube Internationa...
P14 FERROXCUBE-P14 Datasheet
115Kb / 12P
P cores and accessories
P14 FERROXCUBE-P14 Datasheet
39Kb / 3P
P cores and accessories
logo
Schneider Electric
P14 SCHNEIDER-P14 Datasheet
3Mb / 64P
Manual Motor Starters, Controllers, and Protectors Type GV2, GV3, and GV7
10/02
logo
PANDUIT CORP.
P14-10F PANDUIT-P14-10F Datasheet
60Kb / 1P
16-14 BARREL NON-INSULATED FORK
More results

Similar Description - P14

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MM2001 ETC-MM2001 Datasheet
82Kb / 3P
Capacitive humidity sensor
logo
STMicroelectronics
HTS221 STMICROELECTRONICS-HTS221 Datasheet
748Kb / 33P
Capacitive digital sensor for relative humidity and temperature
30-Aug-2016
logo
BELIMO AIRCONTROLS (USA...
22UTH-530B BELIMO-22UTH-530B Datasheet
585Kb / 5P
Outdoor Sensor Humidity, Temperature with weather shield
logo
Innovative Sensor Techn...
103563 IST-103563 Datasheet
776Kb / 5P
Capacitive Humidity Sensor
103572 IST-103572 Datasheet
724Kb / 5P
Capacitive Humidity Sensor
103573 IST-103573 Datasheet
808Kb / 5P
Capacitive Humidity Sensor
K5-W IST-K5-W Datasheet
707Kb / 5P
Capacitive Humidity Sensor
MK33 IST-MK33 Datasheet
782Kb / 5P
Capacitive Humidity Sensor
P14-2FW IST-P14-2FW Datasheet
862Kb / 6P
Capacitive Humidity Sensor
logo
E+E Elektronik Ges.m.b....
HMC03M EPLUSE-HMC03M Datasheet
694Kb / 2P
Heated Humidity Sensor for Radiosondes and Weather Balloons
v1.3
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com