Electronic Components Datasheet Search
  English  ▼

X  

P14 Datasheet(PDF) 5 Page - Innovative Sensor Technology

Part # P14
Description  Capacitive Humidity Sensor Optimal for weather balloons and radio sondes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IST [Innovative Sensor Technology]
Direct Link  https://www.ist-ag.com/en
Logo IST - Innovative Sensor Technology

P14 Datasheet(HTML) 5 Page - Innovative Sensor Technology

  P14 Datasheet HTML 1Page - Innovative Sensor Technology P14 Datasheet HTML 2Page - Innovative Sensor Technology P14 Datasheet HTML 3Page - Innovative Sensor Technology P14 Datasheet HTML 4Page - Innovative Sensor Technology P14 Datasheet HTML 5Page - Innovative Sensor Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Picture 7: Sensor with contaminations
Picture 8: Sensor with a scratch
▪
Avoid mechanical stress to the sensors, e.g. bending or touching with sharp objects.
▪
Hold the sensors with plastic tweezers on the side edges only.
Soldering of the sensor
▪
The maximum temperature of the soldering iron of 320 °C may not be exceeded. Maximum heat apply with
the iron must be below 10 seconds at the very end of the connecting wires.
▪
The calibration of the sensors has to been done 5 days after soldering at earliest. This time is needed to provide
a relaxation after the heat induces during the soldering process.
▪
Avoid soldering flux residues, caused by the soldering process, or any other contaminations inside the active
area of the sensor.
▪
Soldering flux residues on the outside of the sensor’s active area are not critical. If the sensor is mounted with
glue we recommend baking the sensor at 80 °C for 1 hour after the gluing process.
Cleaning of the sensor
▪
Any residues can be easily removed with isopropanol at room temperature. Apply of low ultrasonic energy
might improve the cleaning process. The sensor has to be dried after the cleaning process.
▪
The sensor cannot be cleaned mechanically with cotton swabs for instance.
▪
It is possible to clean the sensor with oil free and filtered clean air, e.g. for removing dust particles.
P14 Rapid_AuCu
| Humidity Sensor | P14 Rapid
5/5
Innovative Sensor Technology IST AG, Stegrütistrasse 14, 9642 Ebnat-Kappel, Switzerland
Phone: +41 71 992 01 00 | Fax: +41 71 992 01 99 | Email: info@ist-ag.com | www.ist-ag.com
All mechanical dimensions are valid at 25 °C ambient temperature, if not differently indicated • All data except the mechanical dimensions only have information purposes and are not to be understood as assured characteristics • Technical
changes without previous announcement as well as mistakes reserved • The information on this data sheet was examined carefully and will be accepted as correct; No liability in case of mistakes • Load with extreme values during a longer
period can affect the reliability • The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the prior written consent of the copyright owner • Typing errors and mistakes reserved • Product
specifications are subject to change without notice • All rights reserved



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com