Electronic Components Datasheet Search
  English  ▼

X  

PS320240T Datasheet(PDF) 12 Page - Powertip Technology

Part # PS320240T
Description  STANDARD VALUE
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERTIP [Powertip Technology]
Direct Link  http://www.powertip.com.tw
Logo POWERTIP - Powertip Technology

PS320240T Datasheet(HTML) 12 Page - Powertip Technology

Back Button PS320240T Datasheet HTML 8Page - Powertip Technology PS320240T Datasheet HTML 9Page - Powertip Technology PS320240T Datasheet HTML 10Page - Powertip Technology PS320240T Datasheet HTML 11Page - Powertip Technology PS320240T Datasheet HTML 12Page - Powertip Technology PS320240T Datasheet HTML 13Page - Powertip Technology PS320240T Datasheet HTML 14Page - Powertip Technology PS320240T Datasheet HTML 15Page - Powertip Technology PS320240T Datasheet HTML 16Page - Powertip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
PH320240T-004-IC1Q Ver.0
Page12
Note 3. : Definition of Vth
Active voltage range
View direction
Drive waveform
Transmittance
※1 Contrast ratio
= (Brightness in OFF state) / (Brightness in ON state)
Outline of Electro-Optical Characteristics Measuring System
Measuring System: Autronic DMS-803
50%
(No selected waveform)
73%
Vth2
40
°
(Selected waveform)
Vth1
10
°
Selected waveform
No selected waveform
Drive voltage
Vth2
Vth1
Transmittance
100%
73%
50%
正讀
θ
ψ
Human Eye
Photo Detector
LCD Panel
Transmissive
Temperature
Control Chamber
Active Illumination



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com