Electronic Components Datasheet Search
  English  ▼

X  

PS320240T Datasheet(PDF) 24 Page - Powertip Technology

Part # PS320240T
Description  STANDARD VALUE
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERTIP [Powertip Technology]
Direct Link  http://www.powertip.com.tw
Logo POWERTIP - Powertip Technology

PS320240T Datasheet(HTML) 24 Page - Powertip Technology

Back Button PS320240T Datasheet HTML 20Page - Powertip Technology PS320240T Datasheet HTML 21Page - Powertip Technology PS320240T Datasheet HTML 22Page - Powertip Technology PS320240T Datasheet HTML 23Page - Powertip Technology PS320240T Datasheet HTML 24Page - Powertip Technology PS320240T Datasheet HTML 25Page - Powertip Technology PS320240T Datasheet HTML 26Page - Powertip Technology PS320240T Datasheet HTML 27Page - Powertip Technology PS320240T Datasheet HTML 28Page - Powertip Technology  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
PH320240T-004-IC1Q Ver.0
Page24
NO
Item
Specification
Judge Level
The shape of modeling is deformed by touching.
N.G.
Major
Insufficient epoxy: Circuit or pad of IC is visible
N.G.
Minor
Excessive epoxy: Diameter of modeling is > 20mm
or height is > 2.5mm
N.G.
Minor
6
Appearance of
molding
A=( L + W ) ÷2
The diameter of pinhole in modeling, A is > 0.2mm.
N.G.
Minor
The folding angle of frame must be > 45°+ 10°
N.G.
Minor
The area of stripped electroplate in top-view of
frame, A is > 1.0mm.
N.G.
Minor
Rust or crack is (Top view only)
N.G.
Minor
7
Appearance of
frame
A=( L + W ) ÷2
The scratched width of frame is > 0.06mm.
(Top view only)
N.G.
Minor
The color of backlight is nonconforming
N.G.
Major
Backlight can’t work normally.
N.G.
Major
The LED lamp can’t work normally
N.G.
Major
The unsoldering area of pin for backlight,
A is > 1/2 solder joint area.
N.G.
Minor
8
Electrical
characteristic of
backlight
A=( L + W ) ÷2
The height of solder pin for backlight is > 2.0mm
N.G.
Minor
The mark or polarity of component is unidentifiable.
N.G.
Minor
The height between bottom of component and
surface of the PCB is floating > 0.7mm
N.G.
Minor
D > 1/4W
W
D
D’
Pad
N.G.
Minor
End solder joint width, D’ is > 50% width of
component termination or width of pad
N.G.
Minor
Side overhang, D is > 25% width of component
termination.
N.G.
Minor
Component is cracked, deformed, and burned, etc.
N.G.
Minor
The polarity of component is placed in inverse
direction.
N.G.
Minor
10
Assembly parts
A=( L + W ) ÷2
Maximum fillet height of solder extends onto the
component body or minimum fillet height
is < 0.5mm.
N.G.
Minor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com