Electronic Components Datasheet Search
  English  ▼

X  

PS320240T Datasheet(PDF) 18 Page - Powertip Technology

Part # PS320240T
Description  STANDARD VALUE
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERTIP [Powertip Technology]
Direct Link  http://www.powertip.com.tw
Logo POWERTIP - Powertip Technology

PS320240T Datasheet(HTML) 18 Page - Powertip Technology

Back Button PS320240T Datasheet HTML 14Page - Powertip Technology PS320240T Datasheet HTML 15Page - Powertip Technology PS320240T Datasheet HTML 16Page - Powertip Technology PS320240T Datasheet HTML 17Page - Powertip Technology PS320240T Datasheet HTML 18Page - Powertip Technology PS320240T Datasheet HTML 19Page - Powertip Technology PS320240T Datasheet HTML 20Page - Powertip Technology PS320240T Datasheet HTML 21Page - Powertip Technology PS320240T Datasheet HTML 22Page - Powertip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
PH320240T-004-IC1Q Ver.0
Page18
2.3 Timing Characteristics
Signal
Item
Symbol
Min.
Typ.
Max.
Unit
Frequency
Dclk
6.4
MHz
High Time
Tch
78
ns
Dclk
Low Time
Tcl
78
ns
Setup Time
Tds
12
ns
Data
Hold Time
Tdh
12
ns
Period
TH
408
DCLK
Pulse Width
Thp
30
DCLK
Back-Porch
Thb
38
DCLK
Display Period
Thd
320
DCLK
Hsync
Front-Porch
Thf
20
DCLK
NTSC
262.5
Period
PAL
Tv
312.5
TH
Pulse Width
Tvp
1
3
5
TH
NTSC
15
Back-Porch
PAL
Tvb
23
TH
Display Period
Tvd
240
TH
NTSC
4.5
Vsync
Front-Porch
PAL
Tvf
46.5
TH
TCLK
DCLK
DATA
TCH
2.64V
0.66V
2.64V
0.66V
TDS
TDH
TCL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com