Electronic Components Datasheet Search
  English  ▼

X  

LMT2 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # LMT2
Description  UHF Narrow Band FM Low Cost multi channel radio modules
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LMT2 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  LMT2 Datasheet HTML 1Page - List of Unclassifed Manufacturers LMT2 Datasheet HTML 2Page - List of Unclassifed Manufacturers LMT2 Datasheet HTML 3Page - List of Unclassifed Manufacturers LMT2 Datasheet HTML 4Page - List of Unclassifed Manufacturers LMT2 Datasheet HTML 5Page - List of Unclassifed Manufacturers LMT2 Datasheet HTML 6Page - List of Unclassifed Manufacturers LMT2 Datasheet HTML 7Page - List of Unclassifed Manufacturers LMT2 Datasheet HTML 8Page - List of Unclassifed Manufacturers LMT2 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Radiometrix Ltd
LMT2/LMR2 Data Sheet
page 3
Pin description – LMT2
Pin
Name
Function
1a
Vcc
3.1 – 15V power supply (@ 10mW)
4.1 – 15V power supply (@ 100mW)
2a
0V
Ground
3a
TXE
Transmit Enable (active low)
4a
TXD
DC coupled input for 3V CMOS logic. Rin=47k
Ω
5a
No pin
Not present in LMT2
1b
P0/PGM
Parallel Channel select LSB
Serial frequency programming / configuration1
2b
P1
Parallel Channel select
3b
P2
Parallel Channel select
4b
P3
Parallel Channel select MSB
5b
No pin
Not present in LMT2
Notes:
1. Serial programming is by an inverted, CMOS logic level, 2400 baud RS232 datastream applied
to the P0 pin.
2. Channel select inputs have pullups (50k
Ω) to 3v internal rail. Do not exceed 3V logic levels on
this port.
3. Channel select inputs are active low
4. TXE has a 100k
Ω pullup to Vcc
5. All pins are on an 0.1" grid
6. The pins 5a/b are not present, but are included in footprint for compatibility with other units in
this family
7. In the 'off' state a PIN switch open circuits the RF output pin. There are no 'off' state spuri.
8. 10mW unit will operate (with marginally reduced specifications and lower (6-8mW) output
power) from a 3.0V rail. This must be well regulated and without noise or ripple, as in this state
the unit's internal regulator no longer operates, and provides no supply rejection.
9. 100mW versions should not be run continuously from supply voltages > 9v
Figure 3: LMT2 footpint (top view)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com