Electronic Components Datasheet Search
  English  ▼

X  

LMT2 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # LMT2
Description  UHF Narrow Band FM Low Cost multi channel radio modules
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LMT2 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  LMT2 Datasheet HTML 1Page - List of Unclassifed Manufacturers LMT2 Datasheet HTML 2Page - List of Unclassifed Manufacturers LMT2 Datasheet HTML 3Page - List of Unclassifed Manufacturers LMT2 Datasheet HTML 4Page - List of Unclassifed Manufacturers LMT2 Datasheet HTML 5Page - List of Unclassifed Manufacturers LMT2 Datasheet HTML 6Page - List of Unclassifed Manufacturers LMT2 Datasheet HTML 7Page - List of Unclassifed Manufacturers LMT2 Datasheet HTML 8Page - List of Unclassifed Manufacturers LMT2 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Radiometrix Ltd
LMT2/LMR2 Data Sheet
page 5
Pin description – LMR2
Pin
Name
Function
1a
Vcc
3.1 – 15V power supply
2a
0V
Ground
3a
RXE
Receiver Enable (active high)
4a
RXD
Data out (open collector, no pullup)
5a
AF out
700mV p-p audio. DC coupled, approx 0.8v bias.`
1b
P0/PGM
Parallel Channel select LSB
Serial frequency programming / configuration1
2b
P1
Parallel Channel select
3b
P2
Parallel Channel select
4b
P3
Parallel Channel select MSB
5b
RSSI
DC level between 0.5v and 2.2v. 60dB dynamic range
NOTES:
1. Serial programming is by an inverted, cmos logic level, 2400 baud RS232 datastream applied to
the P0 pin.
2. Channel select inputs have pullups (50k
Ω) to 3v internal rail. Do not exceed 3v logic levels on
this port.
3. Channel select inputs are active low
4. All pins are on an 0.1" grid
5. Data recovery circuit used for RXD is not a simple 'average and compare' type. It is a peak
sampling quasi-DC coupled design, allowing a greater than usual flexibility in data format.
6. Unit will operate (with marginally reduced specifications) from a 3.0v rail. This must be well
regulated and without noise or ripple, as in this state the unit's internal regulator no longer
operates, and provides no supply rejection.
Figure 5: LMR2 footpint (top view)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com