Electronic Components Datasheet Search
  English  ▼

X  

LMT2 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # LMT2
Description  UHF Narrow Band FM Low Cost multi channel radio modules
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LMT2 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button LMT2 Datasheet HTML 3Page - List of Unclassifed Manufacturers LMT2 Datasheet HTML 4Page - List of Unclassifed Manufacturers LMT2 Datasheet HTML 5Page - List of Unclassifed Manufacturers LMT2 Datasheet HTML 6Page - List of Unclassifed Manufacturers LMT2 Datasheet HTML 7Page - List of Unclassifed Manufacturers LMT2 Datasheet HTML 8Page - List of Unclassifed Manufacturers LMT2 Datasheet HTML 9Page - List of Unclassifed Manufacturers LMT2 Datasheet HTML 10Page - List of Unclassifed Manufacturers LMT2 Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Radiometrix Ltd
LMT2/LMR2 Data Sheet
page 10
The antenna choice and position directly controls the system range. Keep it clear of other metal in the
system, particularly the 'hot' end. The best position by far, is sticking out the top of the product. This is
often not desirable for practical/ergonomic reasons thus a compromise may need to be reached. If an
internal antenna must be used, try to keep it away from other metal components, particularly large
ones like transformers, batteries and PCB tracks/earth plane. The space around the antenna is as
important as the antenna itself.
A. Helical antenna
B. Loop antenna
RF
C1
C2
C4
C3
RF-GND
C. Whip antenna
16.4cm
RF
0.5 mm enameled copper wire
close wound on 3.2 mm diameter former
433 MHz = 24 turns
Feed point 15% to 25% of total loop length
track width = 1mm
4 to 10 cm inside area
wire, rod, PCB-track or a combination
of these three
433 MHz = 16.4 cm total from RF pin.
2
RF
Ordering Information:
Ordering Information:
Ordering Information:
Ordering Information:
Part No.
Part No.
Part No.
Part No.
Descript
Descript
Descript
Description
ion
ion
ion
Frequency band
Frequency band
Frequency band
Frequency band
(MHz)
(MHz)
(MHz)
(MHz)
RF power
RF power
RF power
RF power
(mW)
(mW)
(mW)
(mW)
Channel spacing
Channel spacing
Channel spacing
Channel spacing
(kHz)
(kHz)
(kHz)
(kHz)
Data rate
Data rate
Data rate
Data rate
kbps
kbps
kbps
kbps
LMT2-433-5
Transmitter
433.875-434.650
10
25
5
LMR2-433-5
Receiver
433.875-434.650
25
5
LMT2-458-5
Transmitter
458.525 - 459.1
100
25
5
LMR2-458-5
Receiver
458.525 - 459.1
25
5
LMT2-433-5-12k5
Transmitter
433.875-434.650
10
12.5
5
LMR2-433-5-12k5
Receiver
433.875-434.650
12.5
5
LMT2-458-5-12k5
Transmitter
458.525 - 459.1
100
12.5
5
LMR2-458-5-12k5
Receiver
458.525 - 459.1
12.5
5
LMT2-433-10
Transmitter
433.875-434.650
10
25
10
LMR2-433-10
Receiver
433.875-434.650
25
10
LMT2-458-10
Transmitter
458.525 - 459.1
100
25
10
LMR2-458-10
Receiver
458.525 - 459.1
25
10
Note: Also available on the other UHF band frequencies subject to SAW filter availability. e.g. 315, 419, 429, 448,
465MHz etc.
Figure 7: Antenna types



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com