Electronic Components Datasheet Search
  English  ▼

X  

NAND08GR3B2C Datasheet(PDF) 39 Page - Numonyx B.V

Part # NAND08GR3B2C
Description  4 Gbit, 8 Gbit, 2112 byte/1056 word page multiplane architecture, 1.8 V or 3 V, NAND Flash memories
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

NAND08GR3B2C Datasheet(HTML) 39 Page - Numonyx B.V

Back Button NAND08GR3B2C Datasheet HTML 35Page - Numonyx B.V NAND08GR3B2C Datasheet HTML 36Page - Numonyx B.V NAND08GR3B2C Datasheet HTML 37Page - Numonyx B.V NAND08GR3B2C Datasheet HTML 38Page - Numonyx B.V NAND08GR3B2C Datasheet HTML 39Page - Numonyx B.V NAND08GR3B2C Datasheet HTML 40Page - Numonyx B.V NAND08GR3B2C Datasheet HTML 41Page - Numonyx B.V NAND08GR3B2C Datasheet HTML 42Page - Numonyx B.V NAND08GR3B2C Datasheet HTML 43Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 69 page
background image
NAND04G-B2D, NAND08G-BxC
Device operations
39/69
6.15
Read ONFI signature
To recognize NAND Flash devices that are compatible with the ONFI 1.0 command set, the
Read Electronic Signature can be issued, followed by an address of 20h. The next four
bytes output is the ONFI signature, which is the ASCII encoding of the “ONFI” word.
Reading beyond four bytes produces indeterminate values.
Figure 33 provides a description of the read ONFI signature waveform and Table 20
provides the definition of the output bytes.
6.16
Read parameter page
The Read Parameter Page command retrieves the data structure that describes the NAND
Flash organization, features, timings and other behavioral parameters. This data structure
enables the host processor to automatically recognize the NAND Flash configuration of a
device. The whole data structure is repeated at least five times.
See Figure 40 for a description of the read parameter page waveform.
The Random Data Read command can be issued during execution of the read parameter
page to read specific portions of the parameter page.
The Read Status command may be used to check the status of read parameter page during
execution. After completion of the Read Status command, 00h is issued by the host on the
command line to continue with the data output flow for the Read Parameter Page command.
Read status enhanced is not be used during execution of the Read Parameter Page
command.
Table 21 defines the parameter page data structure; for parameters that span multiple bytes,
the least significant byte of the parameter corresponds to the first byte.
Values are reported in the parameter page in bytes when referring to items related to the
size of data access (as in an x8 data access device). For example, the chip returns how
many data bytes are in a page. For a device that supports x16 data access, the host is
required to convert byte values to word values for its use. Unused fields are set to 0h.
For more detailed information about parameter page data bits, refer to ONFI
Specification 1.0, section 5.4.1.
Table 20.
Read ONFI signature
Byte
Value
ASCII character
1st byte
4Fh
O
2nd byte
4Eh
N
3rd byte
46h
F
4th byte
49h
I
5th byte
Undefined
Undefined



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com