Electronic Components Datasheet Search
  English  ▼

X  

NAND08GR3B2C Datasheet(PDF) 49 Page - Numonyx B.V

Part # NAND08GR3B2C
Description  4 Gbit, 8 Gbit, 2112 byte/1056 word page multiplane architecture, 1.8 V or 3 V, NAND Flash memories
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

NAND08GR3B2C Datasheet(HTML) 49 Page - Numonyx B.V

Back Button NAND08GR3B2C Datasheet HTML 45Page - Numonyx B.V NAND08GR3B2C Datasheet HTML 46Page - Numonyx B.V NAND08GR3B2C Datasheet HTML 47Page - Numonyx B.V NAND08GR3B2C Datasheet HTML 48Page - Numonyx B.V NAND08GR3B2C Datasheet HTML 49Page - Numonyx B.V NAND08GR3B2C Datasheet HTML 50Page - Numonyx B.V NAND08GR3B2C Datasheet HTML 51Page - Numonyx B.V NAND08GR3B2C Datasheet HTML 52Page - Numonyx B.V NAND08GR3B2C Datasheet HTML 53Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 69 page
background image
NAND04G-B2D, NAND08G-BxC
Maximum ratings
49/69
11
Maximum ratings
Stressing the device above the ratings listed in Table 25: Absolute maximum ratings may
cause permanent damage to the device. These are stress ratings only and operation of the
device at these or any other conditions above those indicated in the operating sections of
this specification is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect device reliability. Refer to the Numonyx SURE Program and
other relevant quality documents for more information.
Table 25.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
Min
Max
TBIAS
Temperature under bias
– 50
125
°C
TSTG
Storage temperature
– 65
150
°C
VIO
(1)
1.
Minimum voltage may undershoot to –2 V for less than 20 ns during transitions on input and I/O pins.
Maximum voltage may overshoot to VDD + 2 V for less than 20 ns during transitions on I/O pins.
Input or output voltage
– 0.6
4.6
V
VDD
Supply voltage
– 0.6
4.6
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com