Electronic Components Datasheet Search
  English  ▼

X  

NAND08GR3B2C Datasheet(PDF) 13 Page - Numonyx B.V

Part # NAND08GR3B2C
Description  4 Gbit, 8 Gbit, 2112 byte/1056 word page multiplane architecture, 1.8 V or 3 V, NAND Flash memories
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

NAND08GR3B2C Datasheet(HTML) 13 Page - Numonyx B.V

Back Button NAND08GR3B2C Datasheet HTML 9Page - Numonyx B.V NAND08GR3B2C Datasheet HTML 10Page - Numonyx B.V NAND08GR3B2C Datasheet HTML 11Page - Numonyx B.V NAND08GR3B2C Datasheet HTML 12Page - Numonyx B.V NAND08GR3B2C Datasheet HTML 13Page - Numonyx B.V NAND08GR3B2C Datasheet HTML 14Page - Numonyx B.V NAND08GR3B2C Datasheet HTML 15Page - Numonyx B.V NAND08GR3B2C Datasheet HTML 16Page - Numonyx B.V NAND08GR3B2C Datasheet HTML 17Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 69 page
background image
NAND04G-B2D, NAND08G-BxC
Description
13/69
Figure 5.
LGA52 connections for the NAND08G-B4C devices
1.
The NAND08G-B4C devices have two separate sets of signals for each 4 Gb die.
NC
OD
OC
OB
AL1
OA
8
7
6
5
4
3
2
1
I/O02
OF
OE
NC
I/O12
I/O22
NC
NC
0
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
A
B
C
D
E
F
G
H
J
K
L
M
N
W2
VSS
AL2
I/O11
I/O31
VSS
WP1
CL1
CL2
I/O01
I/O32
I/O21
W1
I/O41
VSS
I/O61
E1
E2
RB1
WP2
VDD
VSS
I/O71
I/O51
VDD
R2
NC
I/O72
NC
I/O62
I/O52
RB2
R1
I/O42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com