Electronic Components Datasheet Search
  English  ▼

X  

350CB06 Datasheet(PDF) 3 Page - Holland Electronics

Part # 350CB06
Description  350A Dual-Feed High-Current Panel
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLLAND [Holland Electronics]
Direct Link  https://www.hollandelectronics.com/
Logo HOLLAND - Holland Electronics

350CB06 Datasheet(HTML) 3 Page - Holland Electronics

  350CB06 Datasheet HTML 1Page - Holland Electronics 350CB06 Datasheet HTML 2Page - Holland Electronics 350CB06 Datasheet HTML 3Page - Holland Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
Amphenol All rights reserved
DS-60-1904 5.9.19 v.3
800-677-2288 | abs-go.com
350A Dual-Feed
High-Current Panel
Alarms
Alarm Indicators
Power, breaker/fuse alarms
Alarm Type
Form C
Alarm Connector
Wire wrap pins
Relay Contact Ratings
1A at 60 VDC; 2A at 30 VDC
Compliance
Agency Compliance
UL, cUL NEBS 3
Ordering Information
Description
Part Number
Dual-feed 350A panel, 6/6 circuit breakers or TFD fuses + GMTs,
with alarms
350CB06
Circuit Breakers
Amperage
Part Number
Amperage
Part Number
1A
090-0052-0001
40A
090-0052-0040
2A
090-0052-0002
50A
090-0052-0050
3A
090-0052-0003
60A
090-0052-0060
5A
090-0052-0005
70A
090-0052-0070
10A
090-0052-0010
80A
090-0052-0080
20A
090-0052-0020
90A
090-0052-0090
25A
090-0052-0025
100A
090-0052-0100
30A
090-0052-0030
TPS Fuses
TLS Fuses
Amperage
Part Number
Amperage
Part Number
25A
130476
80A
140640
30A
130478
90A
140641
40A
130482
100A
140642
50A
130484
110A
140643
60A
130486
125A
140644
70A
130488
TFD Holder for
TPS/TLS Fuses
129816
GMT Fuses
Amperage
Part Number
Amperage
Part Number
18/100A
130781
3A
004012
1/4A
100151
3-1/2A
130782
1/2A
004001
4A
004013
3/4A
004008
5A
004014
1A
100991
7-1/2A
004010
1-1/3A
004006
10A
004015
1-1/2A
004011
12A
102287
2-1/2A
130783
15A
102288



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com