Electronic Components Datasheet Search
  English  ▼

X  

350CB06 Datasheet(PDF) 2 Page - Holland Electronics

Part # 350CB06
Description  350A Dual-Feed High-Current Panel
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLLAND [Holland Electronics]
Direct Link  https://www.hollandelectronics.com/
Logo HOLLAND - Holland Electronics

350CB06 Datasheet(HTML) 2 Page - Holland Electronics

  350CB06 Datasheet HTML 1Page - Holland Electronics 350CB06 Datasheet HTML 2Page - Holland Electronics 350CB06 Datasheet HTML 3Page - Holland Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Amphenol All rights reserved
DS-60-1904 5.9.19 v.3
800-677-2288 | abs-go.com
350A Dual-Feed
High-Current Panel
Applications
• Network routers
• Data servers
• Other standard equipment supported by BDFBs
• Central offices, data centers, remotes and co-locates
Specifications
Electrical
Voltage
Nominal: ±24V/-48 VDC
Operating: -20 to -30 VDC; -40 to -60
VDC; +20 to +30 VDC
Input rating
350A per bus, sides A & B isolated
Max. input interrupt device
437A per feed
Max. output protection
device
100A circuit breaker
125A TLS fuse
70A TPS fuse
15A GMT fuse
Max. cont. output load
rating
125A per position
Power dissipation (full load)
35W per bus at 16.8kW per side
(350A x 48V)
Mechanical
Dimensions
17.25"W x 5"H x 8"D
(438 mm x 127 mm x 203 mm)
Weight, without breakers
20 lbs. (44 kg)
23 lbs. (51 kg) shipping weight
Material
Cold-rolled steel
Finish
White, powder coat
Mounting
19"/23", EIA/WECO
Environmental
Temperature
-5° to 55° C
Humidity
0 to 90%, non-condensing
Connections
Input terminals
2-hole compression lug
0.375" stud size on 1" hole
spacing, size up to 750 MCM
Output terminals, high-
current
2-hole compression lug
#10 stud size on 0.625" hole
spacing, size up to 2 AWG
Output terminals, GMT
6-32 panhead screws (max. lug width of 0.32"/8.1 mm)
torque to 6.3 in.-lb. (0.7 N·m)
Chassis ground
2-hole compression lug
0.25" stud size on 0.625" hole
spacing, size up to 1 AWG



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com