Electronic Components Datasheet Search
  English  ▼

X  

350CB06 Datasheet(PDF) 1 Page - Holland Electronics

Part # 350CB06
Description  350A Dual-Feed High-Current Panel
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLLAND [Holland Electronics]
Direct Link  https://www.hollandelectronics.com/
Logo HOLLAND - Holland Electronics

350CB06 Datasheet(HTML) 1 Page - Holland Electronics

  350CB06 Datasheet HTML 1Page - Holland Electronics 350CB06 Datasheet HTML 2Page - Holland Electronics 350CB06 Datasheet HTML 3Page - Holland Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Amphenol All rights reserved
DS-60-1904 5.9.19 v3
800-677-2288 | abs-go.com
350A Dual-Feed
High-Current Panel
350A Dual-Feed High-Current Panel
Power :: 6/6 Circuit Breaker/TFD Panel; 5/5 GMT Fuses; 3 RU
Overview
Bring power management closer to network elements with this dual-feed high-current circuit breaker and fuse
panel. A compact design distributes power to network elements that draw between 50A to 125A, such as
network routers and data servers, in a minimum amount of rack space (3 RU).
This panel provides the flexibility for both primary and secondary distribution when a full 600A batter y
distribution frame or load center is not required. Users can configure the panel with bullet-style circuit breakers
or TFD holders (TPS/ TLS fuses), with up to 125A per position capacity (TPS fuses are maximum 70A; TLS
are maximum 125A).
Integrated GMT fuses provide additional flexibility, enabling a single compact panel to distribute power to both
high-current and low-current equipment.
Each of the 350A feeds are totally isolated, providing power to six high-current and five low-current positions. A
replaceable alarm card contains power and alarm LEDs for sides A and B.
Key Benefits
• High-current capabilities — two 350A inputs
• High-power distribution – six 125A single-pole positions per input
• Field configurable – bullet-style connectivity:
• Airpax LEL or Carling CA1 circuit breakers
• CSI TFD fuse holders
• Fuse panel convenience – five 15A GMT fuses per input
• Universal voltage applications – ±24 VDC and -48 VDC operation supported
• Robust connections – input cable up to 750 MCM, output cable up to #2 AWG
• Individual breaker faceplate design – each breaker individually accessible and provides physical
protection of the toggle from inadvertent tripping
• Industry compliance – UL, cUL and NEBS level 3
• Rear cover included — covers all input and output power connections
Note: Panel ships without circuit breakers or fuses. Circuit breakers, or TFD holders and fuses must be ordered separately.
See page 2 for ordering information. TFD fuse holder is CSI TFD-
011 with internal schematic “C”, and supports TPS and
TLS fuses. The panel also supports GMT fuses.
Fig 1: 350CB06 Front View
Fig 2: 350CB06 Rear View Drawing


Similar Part No. - 350CB06

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
350CFX10M10X20 RUBYCON-350CFX10M10X20 Datasheet
48Kb / 2P
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
350CFX22M12.5X20 RUBYCON-350CFX22M12.5X20 Datasheet
48Kb / 2P
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
350CFX3.3M10X16 RUBYCON-350CFX3.3M10X16 Datasheet
48Kb / 2P
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
350CFX33M12.5X25 RUBYCON-350CFX33M12.5X25 Datasheet
48Kb / 2P
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
350CFX4.7M10X16 RUBYCON-350CFX4.7M10X16 Datasheet
48Kb / 2P
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - 350CB06

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
947-259 GLENAIR-947-259 Datasheet
415Kb / 2P
Panel Mount Bulkhead Feed-Thru
logo
PHOENIX CONTACT
0203137 PHOENIX-0203137 Datasheet
517Kb / 6P
High Voltage High Current Feed-Through Terminal Blocks
logo
Littelfuse
JBPT0001Z LITTELFUSE-JBPT0001Z_12 Datasheet
2Mb / 3P
HIGH CURRENT SINGLE STUD FEED-THRU
logo
PHOENIX CONTACT
1618776 PHOENIX-1618776 Datasheet
578Kb / 12P
ST-6EP1N8ACK02S - Panel feed-through
1618823 PHOENIX-1618823 Datasheet
627Kb / 14P
ST-8ES1N8ACK04S - Panel feed-through
1618402 PHOENIX-1618402 Datasheet
581Kb / 12P
ST-3EP1N8ACK02S - Panel feed-through
1618774 PHOENIX-1618774 Datasheet
583Kb / 12P
ST-5ES1N8ACK04S - Panel feed-through
1618785 PHOENIX-1618785 Datasheet
583Kb / 12P
ST-7ES1N8ACK04S - Panel feed-through
1618801 PHOENIX-1618801 Datasheet
634Kb / 13P
ST-08S1N8ACK02S - Panel feed-through
1618836 PHOENIX-1618836 Datasheet
617Kb / 13P
ST-17S1N8ACK04S - Panel feed-through
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com