Electronic Components Datasheet Search
  English  ▼

X  

XC6201 Datasheet(PDF) 3 Page - Torex Semiconductor

Part # XC6201
Description  Positive Voltage Regulators
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6201 Datasheet(HTML) 3 Page - Torex Semiconductor

  XC6201 Datasheet HTML 1Page - Torex Semiconductor XC6201 Datasheet HTML 2Page - Torex Semiconductor XC6201 Datasheet HTML 3Page - Torex Semiconductor XC6201 Datasheet HTML 4Page - Torex Semiconductor XC6201 Datasheet HTML 5Page - Torex Semiconductor XC6201 Datasheet HTML 6Page - Torex Semiconductor XC6201 Datasheet HTML 7Page - Torex Semiconductor XC6201 Datasheet HTML 8Page - Torex Semiconductor XC6201 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
3/27
XC6201
Series
PIN NUMBER
PIN NAME
FUNCTION
SOT-25
SOT-89
USP-6B
5
1
3
VOUT
Output
2
2
5
VSS
Ground
1
3
1
VIN
Power Input
3, 4
-
2,4,6
NC
No Connection
PARAMETER
SYMBOL
RATINGS
UNITS
Input Voltage
VIN
12.0
V
Output Current
IOUT
500
mA
Output Voltage
VOUT
VSS-0.3~VIN+0.3
V
Power
Dissipation
SOT-25
Pd
250
mW
SOT-89
500
USP-6B
120
Operating Temperature
Topr
-40~+85
℃
Storage Temperature
Tstg
-55~+125
℃
■
PIN CONFIGURATION
■
PIN ASSIGNMENT
*The dissipation pad for the USP-6B
package should be solder-plated in
recommended mount pattern and
metal masking so as to enhance
mounting strength and heat release.
If the pad needs to be connected to
other pins, it should be connected to
the VSS (No.5) pin.
NC
VSS
NC
VIN
NC
VOUT
■
ABSOLUTE MAXIMUM RATINGS
Ta = 25℃



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com