Electronic Components Datasheet Search
  English  ▼

X  

XC6201 Datasheet(PDF) 5 Page - Torex Semiconductor

Part # XC6201
Description  Positive Voltage Regulators
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6201 Datasheet(HTML) 5 Page - Torex Semiconductor

  XC6201 Datasheet HTML 1Page - Torex Semiconductor XC6201 Datasheet HTML 2Page - Torex Semiconductor XC6201 Datasheet HTML 3Page - Torex Semiconductor XC6201 Datasheet HTML 4Page - Torex Semiconductor XC6201 Datasheet HTML 5Page - Torex Semiconductor XC6201 Datasheet HTML 6Page - Torex Semiconductor XC6201 Datasheet HTML 7Page - Torex Semiconductor XC6201 Datasheet HTML 8Page - Torex Semiconductor XC6201 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
5/27
XC6201
Series
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
CIRCUIT
Output Voltage
VOUT(E) (*2)
VIN=4.3V
IOUT=40mA
3.234
3.300
3.366
V
②
Maximum Output Current
IOUTmax
VIN=4.3V
VOUT(E)≧2.97V
150
-
-
mA
②
Load Regulation
△
VOUT
VIN=4.3V
1mA≦IOUT≦80mA
-
20
50
mV
②
Dropout Voltage (*3)
Vdif1
IOUT=80mA
-
200
360
mV
②
Vdif2
IOUT=160mA
-
450
700
Supply Current
ISS
VIN=4.3V
-
2.0
5.0
μ
A
①
Line Regulation
△
VOUT
△
VIN・△VOUT
IOUT=40mA
4.3V≦VIN≦10.0V
-
0.2
0.3
%
/V
②
Input Voltage
VIN
1.8
-
10
V
-
Output Voltage
Temperature Characteristics
△
VOUT
△
Topr・△VOUT
IOUT=40mA
-40℃≦Topr≦85℃
-
±
100
-
ppm/℃
②
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
CIRCUIT
Output Voltage
VOUT(E) (*2)
VIN=6.0V
IOUT=40mA
4.900
5.000
5.100
V
②
Maximum Output Current
IOUTmax
VIN=6.0V
VOUT(E)≧4.57V
200
-
-
mA
②
Load Regulation
△
VOUT
VIN=6.0V
1mA≦IOUT≦100mA
-
30
70
mV
②
Dropout Voltage (*3)
Vdif1
IOUT=100mA
-
160
340
mV
②
Vdif2
IOUT=200mA
-
400
600
Supply Current
ISS
VIN=6.0V
-
2.0
6.0
μ
A
①
Line Regulation
△
VOUT
△
VIN・△VOUT
IOUT=40mA
6.0V≦VIN≦10.0V
-
0.2
0.3
%
/V
②
Input Voltage
VIN
1.8
-
10
V
-
Output Voltage
Temperature Characteristics
△
VOUT
△
Topr・△VOUT
IOUT=40mA
-40℃≦Topr≦85℃
-
±
100
-
ppm/℃
②
NOTE:
*
1: VOUT(T) = Nominal output voltage.
*
2: VOUT(E) = Effective output voltage (i.e. the output voltage when “VOUT(T)+1.0V” is provided while
maintaining a certain IOUT value).
*
3: Vdif = (VIN1- VOUT1)
VIN1 :An Input Voltage when VOUT1 appears as the input voltage is gradually decreased.
VOUT1 : A voltage equal to 98% of the output voltage when a stabilized (VOUT(T) + 1.0V) is input.
XC6201P332
VOUT(T)=3.3V (*1)
Ta=25℃
XC6201P502
VOUT(T)=5.0V (*1)
Ta=25℃
■
ELECTRICAL CHARACTERISTICS (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com