Electronic Components Datasheet Search
  English  ▼

X  

SMS01GAF Datasheet(PDF) 58 Page - Numonyx B.V

Part # SMS01GAF
Description  64 MByte, 128 MByte, 256 MByte 512 MByte and 1 GByte, 3.3V Supply Secure Digital??Card
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

SMS01GAF Datasheet(HTML) 58 Page - Numonyx B.V

Back Button SMS01GAF Datasheet HTML 53Page - Numonyx B.V SMS01GAF Datasheet HTML 54Page - Numonyx B.V SMS01GAF Datasheet HTML 55Page - Numonyx B.V SMS01GAF Datasheet HTML 56Page - Numonyx B.V SMS01GAF Datasheet HTML 57Page - Numonyx B.V SMS01GAF Datasheet HTML 58Page - Numonyx B.V SMS01GAF Datasheet HTML 59Page - Numonyx B.V SMS01GAF Datasheet HTML 60Page - Numonyx B.V SMS01GAF Datasheet HTML 61Page - Numonyx B.V  
Zoom Inzoom in Zoom Outzoom out
 58 / 61 page
background image
Part numbering
SMSxxxAF, SMSxxxFF, SMSxxxBF
58/61
9
Part numbering
Table 33.
Ordering Information Scheme
Note:
Other digits may be added to the ordering code for preprogrammed parts or other options.
Devices are shipped from the factory with the memory content bits erased to ’1’.
For further information on any aspect of the device, please contact the nearest Numonyx
Sales Office.
Example:
SMS
256
A
F
A
5
E
Memory Card Standard
SMS = Storage Medium, Secure Digital
Density
064 = 64 MBytes
128 = 128 MBytes
256 = 256 MBytes
512 = 512 MBytes
01G = 1GByte
Options of the Standard
A = SD full size
B = MiniSD (reduced size)
F = MicroSD
Memory Type
F = Flash Memory
Card Version
A = Version depending on device mix.
Temperature Range
5 =
−25 to 85°C
Packing
E = ECOPACK package, standard packing (tray)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com