Electronic Components Datasheet Search
  English  ▼

X  

SMS01GAF Datasheet(PDF) 15 Page - Numonyx B.V

Part # SMS01GAF
Description  64 MByte, 128 MByte, 256 MByte 512 MByte and 1 GByte, 3.3V Supply Secure Digital??Card
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

SMS01GAF Datasheet(HTML) 15 Page - Numonyx B.V

Back Button SMS01GAF Datasheet HTML 11Page - Numonyx B.V SMS01GAF Datasheet HTML 12Page - Numonyx B.V SMS01GAF Datasheet HTML 13Page - Numonyx B.V SMS01GAF Datasheet HTML 14Page - Numonyx B.V SMS01GAF Datasheet HTML 15Page - Numonyx B.V SMS01GAF Datasheet HTML 16Page - Numonyx B.V SMS01GAF Datasheet HTML 17Page - Numonyx B.V SMS01GAF Datasheet HTML 18Page - Numonyx B.V SMS01GAF Datasheet HTML 19Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 61 page
background image
SMSxxxAF, SMSxxxFF, SMSxxxBF
Secure digital memory card interface
15/61
3.1
Secure digital memory card bus topology
The Secure Digital Memory Card system defines two alternative communications protocols:
SD and SPI that correspond to two operating modes.
Either mode can be selected in the application, mode selection is transparent to the host.
The host automatically detects the operating mode of the card by issuing the Reset
command (refer to Section 7.2.1: Mode Selection) and will expect all further
communications to use the same mode. Therefore, applications that use only one
communication mode do not have to be aware of the other.
The SD bus includes the following signals:
●
CLK: Host to card clock signal
●
CMD: Bi-directional Command/Response signal
●
DAT0 - DAT3: 4 Bi-directional data signals.
●
VDD, VSS1, VSS2: Power and ground signals.
The SD Memory Card bus has a synchronous star topology (refer to Figure 4: Secure Digital
Memory Card system bus topology) with a single master (the application) and multiple
slaves (the cards). The Clock, power and ground signals are common to all cards. The
command (CMD) and data (DAT0 - DAT3) signals are dedicated to the cards, they provide
continuous point-to-point connection to all the cards.
During the initialization process, commands are sent to each card individually, allowing the
application to detect the cards and assign logical addresses to the physical slots. Data is
always sent (received) to (from) each card individually. However, in order to simplify the
handling of the card stack, after the initialization process, all commands may be sent
concurrently to all cards. Addressing information is provided in the command packet.
The SD bus allows dynamic configuration of the number of data lines. After power-up the SD
Memory Card defaults to using only DAT0 for data transfer. After initialization the host can
change the bus width (number of active data lines). This feature is an easy trade off between
hardware cost and system performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com