Electronic Components Datasheet Search
  English  ▼

X  

PS9905 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # PS9905
Description  2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN LSDIP PHOTOCOUPLER FOR CREEPAGE DISTANCE OF 15 mm
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS9905 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button PS9905 Datasheet HTML 6Page - Renesas Technology Corp PS9905 Datasheet HTML 7Page - Renesas Technology Corp PS9905 Datasheet HTML 8Page - Renesas Technology Corp PS9905 Datasheet HTML 9Page - Renesas Technology Corp PS9905 Datasheet HTML 10Page - Renesas Technology Corp PS9905 Datasheet HTML 11Page - Renesas Technology Corp PS9905 Datasheet HTML 12Page - Renesas Technology Corp PS9905 Datasheet HTML 13Page - Renesas Technology Corp PS9905 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
PS9905 Data Sheet
t
R08DS0058EJ0200 Rev.2.00
Page 10 of 19
Jun. 30, 2021
Remark The graphs indicate nominal characteristics.
Forward Current I F (mA)
PROPAGATION DELAYTIME,
PULSEWIDTH DISTORTION
vs. FORWARD CURRENT
PROPAGATION DELAYTIME,
PULSEWIDTH DISTORTION
 
vs. SUPPLYVOLTAGE
Supply Voltage VCC (V)
Low Level Output Current I OL (A)
LOWLEVEL OUTPUTVOLTAGEvs.
LOWLEVEL OUTPUTCURRENT
6
8
10
12
14
16
18
150
100
50
0
15
20
25
30
150
100
50
0
PROPAGATION DELAYTIME,
PULSEWIDTH DISTORTION
 
vs. LOAD CAPACITANCE
Load Capacitance Cg (nF)
10
20
30
40
50
150
100
50
0
0
0.5
1.0
1.5
2.5
2.0
8
6
4
2
PROPAGATION DELAYTIME,
PULSEWIDTH DISTORTION
vs. LOAD RESISTANCE
0
10
20
30
40
50
150
100
50
0
Load Resistance Rg (Ω)
PROPAGATION DELAYTIME,
PULSEWIDTH DISTORTION
vs. AMBIENTTEMPERATURE
Ambient Temperature TA (°C)
0
-40
-20
20
40
60
80
150
100
50
0
100
-40 °C
+25 °C
VCC = 30 V,
VEE= GND,
I F = 0 mA
TA = +110 °C
TA = 25 °C, I F = 12 mA,
VCC = 30 V, Cg = 10 nF,
f = 10 kHz, Duty cycle = 50 %
PWD
tPLH
tPHL
I F = 12 mA, VCC= 30 V,
Rg = 10 Ω, Cg = 10 nF,
f = 10 kHz, Duty cycle = 50 %
PWD
tPLH
tPHL
TA = 25 °C, I F = 12 mA,
VCC= 30 V, Rg = 10 Ω,
f = 10 kHz, Duty cycle = 50 %
PWD
tPLH
tPHL
TA = 25 °C, I F = 12 mA,
Rg = 10 Ω, Cg = 10 nF,
f = 10 kHz, Duty cycle = 50 %
PWD
tPLH
tPHL
TA = 25 °C, VCC= 30 V,
Rg = 10 Ω, Cg = 10 nF,
f = 10 kHz, Duty cycle = 50 %
PWD
tPLH
tPHL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com