Electronic Components Datasheet Search
  English  ▼

X  

PS9905 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # PS9905
Description  2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN LSDIP PHOTOCOUPLER FOR CREEPAGE DISTANCE OF 15 mm
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS9905 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button PS9905 Datasheet HTML 7Page - Renesas Technology Corp PS9905 Datasheet HTML 8Page - Renesas Technology Corp PS9905 Datasheet HTML 9Page - Renesas Technology Corp PS9905 Datasheet HTML 10Page - Renesas Technology Corp PS9905 Datasheet HTML 11Page - Renesas Technology Corp PS9905 Datasheet HTML 12Page - Renesas Technology Corp PS9905 Datasheet HTML 13Page - Renesas Technology Corp PS9905 Datasheet HTML 14Page - Renesas Technology Corp PS9905 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
PS9905 Data Sheet
t
R08DS0058EJ0200 Rev.2.00
Page 11 of 19
Jun. 30, 2021
Remark The graphs indicate nominal characteristics.
Ambient Temperature TA (°C)
SUPPLYCURRENTvs.
AMBIENTTEMPERATURE
-20
0
20
40
80
60
-40
2.0
1.5
1.0
0.5
100
Ambient Temperature TA (°C)
Supply Voltage VCC (V)
SUPPLYCURRENTvs.
SUPPLYVOLTAGE
15
20
30
25
2.0
0.5
1.0
1.5
HIGH LEVEL OUTPUTVOLTAGE– SUPPLY
VOLTAGEvs. AMBIENTTEMPERATURE
-20
0
20
40
80
60
-40
0.0
-3.0
-2.5
-2.0
-1.5
-1.0
-0.5
100
-20
0
20
40
80
60
-40
100
Ambient Temperature TA (°C)
HIGH LEVEL OUTPUTCURRENTvs.
AMBIENTTEMPERATURE
Ambient Temperature TA (°C)
LOW LEVEL OUTPUTVOLTAGEvs.
AMBIENTTEMPERATURE
0.30
0.00
0.05
0.10
0.15
0.20
0.25
Ambient Temperature TA (°C)
LOWLEVEL OUTPUTCURRENTvs.
AMBIENTTEMPERATURE
-20
0
20
40
80
60
-40
100
3.0
0.0
0.5
1.0
1.5
2.0
2.5
-20
0
20
40
80
60
-40
100
3.0
0.0
0.5
1.0
1.5
2.0
2.5
VCC = 30 V, VEE= GND,
I F = 12 mA, IO = –100 mA
VCC = 30 V, VEE= GND,
I F = 12 mA, VCC–VO = 4 V
VCC = 30 V, VEE= GND,
I F = 0 mA, VO = 2.5 V
VCC = 30 V, VEE= GND,
I F = 0 mA, IO = 100 mA
VCC= 30 V,
VEE= GND,
VO = OPEN
I CCL (I F = 0 mA)
I CCH (I F = 12 mA)
TA = 25 °C,
VEE= GND,
VO = OPEN
I CCH (I F = 12 mA)
I CCL (I F = 0 mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com