Electronic Components Datasheet Search
  English  ▼

X  

PS9113 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # PS9113
Description  1 Mbps, OPEN COLLECTOR OUTPUT HIGH CMR, INTELLIGENT POWER MODULE DRIVE 5-PIN SOP (SO-5) PHOTOCOUPLER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS9113 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button PS9113 Datasheet HTML 2Page - Renesas Technology Corp PS9113 Datasheet HTML 3Page - Renesas Technology Corp PS9113 Datasheet HTML 4Page - Renesas Technology Corp PS9113 Datasheet HTML 5Page - Renesas Technology Corp PS9113 Datasheet HTML 6Page - Renesas Technology Corp PS9113 Datasheet HTML 7Page - Renesas Technology Corp PS9113 Datasheet HTML 8Page - Renesas Technology Corp PS9113 Datasheet HTML 9Page - Renesas Technology Corp PS9113 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
PS9113
R08DS0124EJ0301 Rev.3.01
Page 6 of 15
Oct 29, 2018
Notes*: 1. Typical values at TA = 25°C.
2. Test circuit for propagation delay time
3. Test circuit for common mode transient immunity
USAGE CAUTIONS
1. This product is weak for static electricity by designed with high-speed integrated circuit so protect against static
electricity when handling.
2. By-pass capacitor of 0.1 µF is used between VCC and GND near device. Also, ensure that the distance between the
leads of the photocoupler and capacitor is no more than 10 mm.
3. Avoid storage at a high temperature and high humidity.
4. Do not use adhesives or coating materials including halogens to fix this device.
CL includes probe and stray wiring capacitance.
Pulse input (IF = 10 mA)
47
(PW = 10 s,
Duty cycle = 1/10)
RL = 20 k
VO (Monitor)
VCC = 15 V
Input
(Monitor)
0.1 F
CL = 100 pF
Input
Output
VTHHL = 1.5 V
VTHLH = 2.0 V
15 V
VOL
tPHL
tPLH
IF (ON)
50% IF (ON)
CL includes probe and stray wiring capacitance.
90%
10%
1.5 kV
0 V
15 V
3.0 V
1.0 V
VOL
VCM
tr
tf
VO
(Switch A: IF = 0 mA)
VO
(Switch B: IF = 10 mA)
VO (Monitor)
RL = 20 k
CL = 100 pF
VCC = 15 V
0.1 F
VCM
SW IF
B
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com