Electronic Components Datasheet Search
  English  ▼

X  

PS9113 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # PS9113
Description  1 Mbps, OPEN COLLECTOR OUTPUT HIGH CMR, INTELLIGENT POWER MODULE DRIVE 5-PIN SOP (SO-5) PHOTOCOUPLER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS9113 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button PS9113 Datasheet HTML 4Page - Renesas Technology Corp PS9113 Datasheet HTML 5Page - Renesas Technology Corp PS9113 Datasheet HTML 6Page - Renesas Technology Corp PS9113 Datasheet HTML 7Page - Renesas Technology Corp PS9113 Datasheet HTML 8Page - Renesas Technology Corp PS9113 Datasheet HTML 9Page - Renesas Technology Corp PS9113 Datasheet HTML 10Page - Renesas Technology Corp PS9113 Datasheet HTML 11Page - Renesas Technology Corp PS9113 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
PS9113
R08DS0124EJ0301 Rev.3.01
Page 8 of 15
Oct 29, 2018
Remark The graphs indicate nominal characteristics.
0
200
400
600
800
1000
1200
1400
1600
1800
0
10
20
30
0
100
200
300
400
500
600
-40
-20
0
20
40
60
80
100
PROPAGATION DELAY TIME,
PROPAGATION DELAY DIFFERENCE
vs. SUPPLY VOLTAGE
PROPAGATION DELAY TIME,
PULSE WIDTH DISTORTION
vs. AMBIENT TEMPERATURE
PROPAGATION DELAY TIME
vs. LOAD CAPACITANCE
PROPAGATION DELAY TIME,
PROPAGATION DELAY DIFFERENCE
vs. LOAD RESISTANCE
PROPAGATION DELAY TIME,
PROPAGATION DELAY DIFFERENCE
vs. LOAD RESISTANCE
IF = 10 mA
CL = 100 pF
RL = 20 KΩ
IF = 10 mA
Vcc = 15 V
CL = 100 pF
RL = 20 KΩ
tPLH
tPLH
tPLH-tPHL
tPHL
tPHL
PWD
Ambient Temperature TA (°C)
Supply Voltage Vcc (V)
Load Capacitance CL (pF)
Load Resistance RL (KΩ)
Load Resistance RL (KΩ)
0
200
400
600
800
1000
1200
1400
1600
0
100
200
300
400
500
IF = 10 mA
Vcc = 15 V
RL = 20 KΩ
tPLH
tPHL
0
100
200
300
400
500
0
5
10
15
20
25
IF = 10 mA
Vcc = 5 V
CL = 15 pF
tPLH
tPLH-tPHL
tPHL
0
200
400
600
800
1000
0
10
20
30
40
50
IF = 10 mA
Vcc = 15 V
CL = 100 pF
tPLH
tPLH-tPHL
tPHL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com