Electronic Components Datasheet Search
  English  ▼

X  

PS9113 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # PS9113
Description  1 Mbps, OPEN COLLECTOR OUTPUT HIGH CMR, INTELLIGENT POWER MODULE DRIVE 5-PIN SOP (SO-5) PHOTOCOUPLER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS9113 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button PS9113 Datasheet HTML 3Page - Renesas Technology Corp PS9113 Datasheet HTML 4Page - Renesas Technology Corp PS9113 Datasheet HTML 5Page - Renesas Technology Corp PS9113 Datasheet HTML 6Page - Renesas Technology Corp PS9113 Datasheet HTML 7Page - Renesas Technology Corp PS9113 Datasheet HTML 8Page - Renesas Technology Corp PS9113 Datasheet HTML 9Page - Renesas Technology Corp PS9113 Datasheet HTML 10Page - Renesas Technology Corp PS9113 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
PS9113
R08DS0124EJ0301 Rev.3.01
Page 7 of 15
Oct 29, 2018
TYPICAL CHARACTERISTICS (TA = 25°C unless otherwise specified)
Remark The graphs indicate nominal characteristics.
Ambient Temperature TA (°C)
Ambient Temperature TA (°C)
Ambient Temperature TA (°C)
Forward Current IF (mA)
Forward Current IF (mA)
Ambient Temperature TA (°C)
SUPPLY CURRENT vs. AMBIENT TEMPERATURE
LOW LEVEL OUTPUT VOLTAGE vs.
AMBIENT TEMPERATURE
OUTPUT CURRENT vs.
AMBIENT TEMPERATURE
OUTPUT CURRENT vs. FORWARD CURRENT
PROPAGATION DELAY TIME,
PROPAGATION DELAY DIFFERENCE
vs. FORWARD CURRENT
THRESHOLD INPUT CURRENT vs.
AMBIENT TEMPERATURE
0
200
400
600
800
1000
1200
-50
-25
0
25
50
75
100
ICCL
ICCH
0
1
2
3
4
5
-50
-25
0
25
50
75
100
0
0.1
0.2
0.3
0.4
0.5
0.6
-50
-25
0
25
50
75
100
0
2
4
6
8
10
12
14
16
0
5
10
15
20
0.60
0.70
0.80
0.90
1.00
1.10
-50
-25
0
25
50
75
100
0
100
200
300
400
500
600
0
5
10
15
20
25
Vcc = 20 V
Vo = Open
ICCH : VF = 0.8 V
ICCL : IF = 10 mA
Vcc = 15 V
Vo = 0.8 V
Io = 0.75 mA
Vcc = 15 V
IF = 10 mA
Io = 2.4 mA
Vcc = 15 V
CL = 100 pF
RL = 20 KΩ
IF = 10 mA
Vo = 0.6 V
Vo = 0.6 V
100 °C
Ta = –40
°C
25 °C
tPLH
tPLH-tPHL
tPHL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com