Electronic Components Datasheet Search
  English  ▼

X  

2008000000 Datasheet(PDF) 2 Page - Weidmuller

Part # 2008000000
Description  BLZP 5.08HC/03/180F SN GY BX PRT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

2008000000 Datasheet(HTML) 2 Page - Weidmuller

  2008000000 Datasheet HTML 1Page - Weidmuller 2008000000 Datasheet HTML 2Page - Weidmuller 2008000000 Datasheet HTML 3Page - Weidmuller 2008000000 Datasheet HTML 4Page - Weidmuller 2008000000 Datasheet HTML 5Page - Weidmuller 2008000000 Datasheet HTML 6Page - Weidmuller 2008000000 Datasheet HTML 7Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Data sheet
BLZP 5.08HC/03/180F SN GY BX PRT
Weidmüller Interface GmbH & Co. KG
Klingenbergstraße 26
D-32758 Detmold
Germany
 
www.weidmueller.com
Technical data
 
Approvals
 
Approvals
ROHS
Conform
UL File Number Search
UL Website
Certificate No. (cURus)
E60693
 
Dimensions and weights
 
Depth
20 mm
Depth (inches)
0.7874 inch
Height
16.1 mm
Height (inches)
0.6339 inch
Width
25.04 mm
Width (inches)
0.9858 inch
Net weight
5.93 g
 
Environmental Product Compliance
 
RoHS Compliance Status
Compliant without exemption
REACH SVHC
No SVHC above 0.1 wt%
Product Carbon Footprint
Cradle to gate
0,21 kg CO2 eq.
 
System Parameters
 
Product family
OMNIMATE Signal - series BL/SL 5.08
Type of connection
Field connection
Wire connection method
Clamping yoke connection
Pitch in mm (P)
5.08 mm
Pitch in inches (P)
0.200 "
Conductor outlet direction
180°
Number of poles
3
L1 in mm
10.16 mm
L1 in inches
0.400 "
Number of rows
1
Pin series quantity
1
Rated cross-section
4 mm²
Touch-safe protection acc. to DIN VDE
57 106
Safe from finger touch
Touch-safe protection acc. to DIN VDE
0470
IP20 plugged/ IP10 unplugged
Protection degree
IP20
Volume resistance
≤5 mΩ
Can be coded
Yes
Stripping length
7 mm
Clamping screw
M 2.5
Screwdriver blade
0.6 x 3.5, PH 1, PZ 1
Screwdriver blade standard
DIN 5264, ISO 8764/2-PH, ISO 8764/2-PZ
Plugging cycles
25
Plugging force/pole, max.
10 N
Pulling force/pole, max.
9 N
Tightening torque
Torque type
Wire connection
Usage information
Tightening torque
min.
0.4 Nm
max.
0.5 Nm
Torque type
Screw flange
Usage information
Tightening torque
min.
0.2 Nm
max.
0.25 Nm
 
 
Creation date 24.02.2026 09:57:26 MEZ
 
Catalogue status / Drawings
2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com