Electronic Components Datasheet Search
  English  ▼

X  

2008000000 Datasheet(PDF) 1 Page - Weidmuller

Part # 2008000000
Description  BLZP 5.08HC/03/180F SN GY BX PRT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

2008000000 Datasheet(HTML) 1 Page - Weidmuller

  2008000000 Datasheet HTML 1Page - Weidmuller 2008000000 Datasheet HTML 2Page - Weidmuller 2008000000 Datasheet HTML 3Page - Weidmuller 2008000000 Datasheet HTML 4Page - Weidmuller 2008000000 Datasheet HTML 5Page - Weidmuller 2008000000 Datasheet HTML 6Page - Weidmuller 2008000000 Datasheet HTML 7Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Data sheet
BLZP 5.08HC/03/180F SN GY BX PRT
Weidmüller Interface GmbH & Co. KG
Klingenbergstraße 26
D-32758 Detmold
Germany
 
www.weidmueller.com
 
Product image
Similar to illustration
Female plug with clamping-yoke screw system for con-
necting wires with straight (180°) outlet direction. The
female connectors provide space for labelling and can be
coded. Fastened by means of a flange or release latch.
The also provide an integrated plus/minus screw, protec-
tion against faulty insertion of the wire, and they are deliv-
ered with open clamping yokes. HC = High Current.
General ordering data
 
Version
PCB plug-in connector, female plug, 5.08 mm,
Number of poles: 3, 180°, Clamping yoke connec-
tion, Clamping range, max. : 4 mm², Box
Order No.
2008000000
Type
BLZP 5.08HC/03/180F SN GY BX PRT
GTIN (EAN)
4050118393651
Qty.
72 items
Product data
IEC: 400 V / 23 A / 0.2 - 4 mm²
UL: 300 V / 20 A / AWG 26 - AWG 12
Packaging
Box
 
 
Creation date 24.02.2026 09:57:26 MEZ
 
Catalogue status / Drawings
1


Similar Part No. - 2008000000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
2008070000 WEIDMULLER-2008070000 Datasheet
421Kb / 6P
BUZ 10.16IT/02/180MF2 AG BK BX LRP
More results

Similar Description - 2008000000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1012640000 WEIDMULLER-1012640000 Datasheet
74Kb / 4P
BLF 5.08/02/180F SN BK BX
1012650000 WEIDMULLER-1012650000 Datasheet
74Kb / 4P
BLF 5.08/03/180F SN BK BX
1012660000 WEIDMULLER-1012660000 Datasheet
74Kb / 4P
BLF 5.08/04/180F SN BK BX
1012680000 WEIDMULLER-1012680000 Datasheet
74Kb / 4P
BLF 5.08/06/180F SN BK BX
1012730000 WEIDMULLER-1012730000 Datasheet
74Kb / 4P
BLF 5.08/10/180F SN BK BX
1012750000 WEIDMULLER-1012750000 Datasheet
74Kb / 4P
BLF 5.08/12/180F SN BK BX
1945750000 WEIDMULLER-1945750000 Datasheet
82Kb / 4P
BLZP 5.08/02/225B SN OR BX
1945980000 WEIDMULLER-1945980000 Datasheet
82Kb / 4P
BLZP 5.08/02/225B SN BK BX
1946250000 WEIDMULLER-1946250000 Datasheet
81Kb / 4P
BLZP 5.08/02/225 SN OR BX
1946560000 WEIDMULLER-1946560000 Datasheet
81Kb / 4P
BLZP 5.08/02/225 SN BK BX
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com