Electronic Components Datasheet Search
  English  ▼

X  

2008000000 Datasheet(PDF) 3 Page - Weidmuller

Part # 2008000000
Description  BLZP 5.08HC/03/180F SN GY BX PRT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

2008000000 Datasheet(HTML) 3 Page - Weidmuller

  2008000000 Datasheet HTML 1Page - Weidmuller 2008000000 Datasheet HTML 2Page - Weidmuller 2008000000 Datasheet HTML 3Page - Weidmuller 2008000000 Datasheet HTML 4Page - Weidmuller 2008000000 Datasheet HTML 5Page - Weidmuller 2008000000 Datasheet HTML 6Page - Weidmuller 2008000000 Datasheet HTML 7Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Data sheet
BLZP 5.08HC/03/180F SN GY BX PRT
Weidmüller Interface GmbH & Co. KG
Klingenbergstraße 26
D-32758 Detmold
Germany
 
www.weidmueller.com
Technical data
 
Material data
 
Insulating material
PBT
Colour
Pebble grey
Colour chart (similar)
RAL 7032
Insulating material group
IIIa
Comparative Tracking Index (CTI)
≥ 200
Moisture Level (MSL)
UL 94 flammability rating
V-0
Contact material
Cu-alloy
Contact surface
tinned
Layer structure of plug contact
4...8 µm Sn hot-dip tinned
Storage temperature, min.
-40 °C
Storage temperature, max.
70 °C
Operating temperature, min.
-50 °C
Operating temperature, max.
100 °C
Temperature range, installation, min.
-25 °C
Temperature range, installation, max.
100 °C
 
Conductors suitable for connection
 
Clamping range, min.
0.13 mm²
Clamping range, max.
4 mm²
Wire connection cross section AWG,
min.
AWG 30
Wire connection cross section AWG,
max.
AWG 12
Solid, min. H05(07) V-U
0.2 mm²
Solid, max. H05(07) V-U
4 mm²
Flexible, min. H05(07) V-K
0.2 mm²
Flexible, max. H05(07) V-K
4 mm²
w. plastic collar ferrule, DIN 46228 pt 4,
min.
0.2 mm²
w. plastic collar ferrule, DIN 46228 pt 4,
max.
2.5 mm²
w. wire end ferrule, DIN 46228 pt 1,
min.
0.2 mm²
w. wire end ferrule, DIN 46228 pt 1,
max.
4 mm²
Plug gauge in accordance with EN
60999 a x b; ø
2.8 mm x 2.4 mm
Clampable conductor
Cross-section for conductor connection
Type
fine-wired
nominal
0.5 mm²
wire end ferrule
Stripping length
nominal 6 mm
Recommended wire-
end ferrule
H0,5/6
Stripping length
nominal 8 mm
Recommended wire-
end ferrule
H0,5/12 OR
Cross-section for conductor connection
Type
fine-wired
nominal
1 mm²
wire end ferrule
Stripping length
nominal 6 mm
Recommended wire-
end ferrule
H1,0/6
Cross-section for conductor connection
Type
fine-wired
nominal
1.5 mm²
wire end ferrule
Stripping length
nominal 7 mm
Recommended wire-
end ferrule
H1,5/7
Cross-section for conductor connection
Type
fine-wired
nominal
2.5 mm²
wire end ferrule
Stripping length
nominal 7 mm
Recommended wire-
end ferrule
H2,5/7
Stripping length
nominal 10 mm
Recommended wire-
end ferrule
H2,5/15D BL
 
Creation date 24.02.2026 09:57:26 MEZ
 
Catalogue status / Drawings
3



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com