Electronic Components Datasheet Search
  English  ▼

X  

PS9124 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # PS9124
Description  HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS9124 Datasheet(HTML) 4 Page - Renesas Technology Corp

  PS9124 Datasheet HTML 1Page - Renesas Technology Corp PS9124 Datasheet HTML 2Page - Renesas Technology Corp PS9124 Datasheet HTML 3Page - Renesas Technology Corp PS9124 Datasheet HTML 4Page - Renesas Technology Corp PS9124 Datasheet HTML 5Page - Renesas Technology Corp PS9124 Datasheet HTML 6Page - Renesas Technology Corp PS9124 Datasheet HTML 7Page - Renesas Technology Corp PS9124 Datasheet HTML 8Page - Renesas Technology Corp PS9124 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
PS9124
Chapter Title
R08DS0049EJ0101 Rev.1.01
Page 4 of 16
Oct 29, 2018
MARKING EXAMPLE
ORDERING INFORMATION
Part Number
Order Number
Solder Plating
Specification
Packing Style
Safety Standards
Approval
Application
Part Number *1
PS9124
PS9124-AX
Pb-Free
20 pcs (Tape 20 pcs cut)
Standard products
PS9124
PS9124-F3
PS9124-F3-AX
(Ni/Pd/Au)
Embossed Tape 2 500
(UL, CSA approved)
pcs/reel
PS9124-V
PS9124-V-AX
20 pcs (Tape 20 pcs cut)
UL, CSA,
PS9124-V-F3 PS9124-V-F3-AX
Embossed Tape 2 500
DIN EN 60747-5-5
pcs/reel
approved
Note: *1. For the application of the Safety Standard, following part number should be used.
No. 1 pin Mark
 
Initial of Renesas
(Engraved mark)
Rank Code
Year Assembled
(Last 1 Digit)
Week Assembled
N
2
31
9124
N231
R
*1
*1
Bar : Pb-Free
Type Number
Assembly Lot
Ni/Pd/Au PLATING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com