Electronic Components Datasheet Search
  English  ▼

X  

PS9124 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # PS9124
Description  HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS9124 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button PS9124 Datasheet HTML 7Page - Renesas Technology Corp PS9124 Datasheet HTML 8Page - Renesas Technology Corp PS9124 Datasheet HTML 9Page - Renesas Technology Corp PS9124 Datasheet HTML 10Page - Renesas Technology Corp PS9124 Datasheet HTML 11Page - Renesas Technology Corp PS9124 Datasheet HTML 12Page - Renesas Technology Corp PS9124 Datasheet HTML 13Page - Renesas Technology Corp PS9124 Datasheet HTML 14Page - Renesas Technology Corp PS9124 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
PS9124
Chapter Title
R08DS0049EJ0101 Rev.1.01
Page 11 of 16
Oct 29, 2018
TAPING SPECIFICATIONS (UNIT: mm)
Outline and Dimensions (Tape)
Tape Direction
Outline and Dimensions (Reel)
Packing: 2 500 pcs/reel
2.0±0.5
17.5±1.0
13.5±1.0
2.0±0.5
13.0±0.2
R 1.0
21.0±0.8
1.55±0.1
2.0±0.05
4.0±0.1
3.9±0.1
3.45 MAX.
0.3±0.05
8.0±0.1
3.0±0.1
1.5+0.1
–0
5pin SOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com