Electronic Components Datasheet Search
  English  ▼

X  

PS9124 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # PS9124
Description  HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS9124 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button PS9124 Datasheet HTML 9Page - Renesas Technology Corp PS9124 Datasheet HTML 10Page - Renesas Technology Corp PS9124 Datasheet HTML 11Page - Renesas Technology Corp PS9124 Datasheet HTML 12Page - Renesas Technology Corp PS9124 Datasheet HTML 13Page - Renesas Technology Corp PS9124 Datasheet HTML 14Page - Renesas Technology Corp PS9124 Datasheet HTML 15Page - Renesas Technology Corp PS9124 Datasheet HTML 16Page - Renesas Technology Corp PS9124 Datasheet HTML 17Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
PS9124
Chapter Title
R08DS0049EJ0101 Rev.1.01
Page 13 of 16
Oct 29, 2018
NOTES ON HANDLING
1. Recommended soldering conditions
(1) Infrared reflow soldering
• Peak reflow temperature
260
C or below (package surface temperature)
• Time of peak reflow temperature
10 seconds or less
• Time of temperature higher than 220
C
60 seconds or less
• Time to preheat temperature from 120 to 180
C 12030 s
• Number of reflows
Three
• Flux
Rosin flux containing small amount of chlorine
(The flux with a maximum chlorine content of
0.2 Wt% is recommended.)
120±30 s
(preheating)
220
C
180
C
Time (s)
Recommended Temperature Profile of Infrared Reflow
(heating)
to 10 s
to 60 s
260
C MAX.
120
C
(2) Wave soldering
• Temperature
260
C or below (molten solder temperature)
• Time
10 seconds or less
• Preheating conditions 120
C or below (package surface temperature)
• Number of times
One (Allowed to be dipped in solder including plastic mold portion.)
• Flux
Rosin flux containing small amount of chlorine (The flux with a maximum
chlorine content of 0.2 Wt% is recommended.)
(3) Soldering by Soldering Iron
• Peak Temperature (lead part temperature) 350
C or below
• Time (each pins)
3 seconds or less
• Flux
Rosin flux containing small amount of chlorine
(The flux with a maximum chlorine content of 0.2 Wt% is recommended.)
(a) Soldering of leads should be made at the point 1.5 to 2.0 mm from the root of the lead
(4) Cautions
• Fluxes
Avoid removing the residual flux with freon-based and halogens-based (chlorine-based) cleaning
solvent .
2. Cautions regarding noise
Be aware that when voltage is applied suddenly between the photocoupler’s input and output at startup,
the output transistor may enter the on state, even if the voltage is within the absolute maximum ratings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com