Electronic Components Datasheet Search
  English  ▼

X  

AMC102 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # AMC102
Description  Two-axis precision servo controller module
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AMC102 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  AMC102 Datasheet HTML 1Page - List of Unclassifed Manufacturers AMC102 Datasheet HTML 2Page - List of Unclassifed Manufacturers AMC102 Datasheet HTML 3Page - List of Unclassifed Manufacturers AMC102 Datasheet HTML 4Page - List of Unclassifed Manufacturers AMC102 Datasheet HTML 5Page - List of Unclassifed Manufacturers AMC102 Datasheet HTML 6Page - List of Unclassifed Manufacturers AMC102 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Electrical Characteristics
Parameter
Min.
Typ.
Max.
Unit
Condition / Note
Static
Supply Voltage
5.4
8
10
V
40
V
With optional switching regulator
Supply current
180
340
mA
mA
Brake and alarm relays not active
Brake and alarm relays active
Alarm relays switch rating
1.25
2
4
2
V
A
Dynamic
RS422 Baud rate
19.2
kbaud 28.8kb, 57.6kb may also be used
Maximum table size (tracking points)
3
1700
Internal interpolation rate
0.02
50
Hz
Internally generated points
between table steps
Position feedback data rate
1
20
Hz
Amplifier drive voltage
0
+10
V
Output is differential +5V
Encoders
-
16-bit
SSI output format
Humidity sensor output
0
100
%
Factory-settable shutdown
threshold available
Temperature sensor output
0
85
°C
System shuts down @ +85°C
Maximum internal real-time timing error
0.2
1
mS
Defined as the synchronisation
error between sync pulse and
execution
Maximum accumulated timing error over
duration of
<1
mS
Defined as the timing drift during a
typical 16min. satellite pass
see fig. 2
Real-time tracking error
+0.01
+0.02
°
Using 16-bit encoders. Degrades
with lower resolution encoder.
Environmental
Temperature range - Operating
- Storage
-40
-55
85
+100
°C
°C
Factory set cut-out @ +85°C
Hunidity range
- Operating
- Storage
0
0
90
100
%RH
%RH
Non-condensing
Non-condensing
AMC102-031111 Two-axis precision servo controller module
Page 5 of 7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com